Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3FTL6201F038 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 3FTL6201F038
Description  through-hole or SMD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3FTL6201F038 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  3FTL6201F038 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3FTL6201F038 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3FTL6201F038 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3FTL6201F038 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3FTL6201F038 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3FTL6201F038 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
mec Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark
Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . E-mail: danmec@mec.dk . www.mec.dk.
Low Temperature Versions
High Temperature Versions
Silver
Gold
Silver
Gold
Electrical Specifications
Contact resistance
<30 m
- typically 10m
Insulation resistance
>10M
Recommended load
0.5-50mA 24VDC
0.5
µ-50mA 24VDC
0.5-50mA 24VDC
0.5
µ-50mA 24VDC
Contact bounce
<2mS - typically 0.5mS
Mechanical Specifications
Standard actuation force (switch)
3.0N typ.
Max. actuation force without cap
100N for 10 sec.
Key travel (switch)
1 mm
Life time (switch)
>10.000.000 cycles
Temperature Range
Working temperature
Min. -40 C Max. +115
Min. -40 C Max. +160
Storage temperature
Min. -40 C Max. +115
Min. -40 C Max. +160
Soldering IEC 68-2-20
Wave -max. 260 C for max. 10 sec., please r efer to
Infrared, vapour phase, wave
usage guidelines
- max. 260 C for max. 30 sec.
Soldering iron - max. 350 C for max. 3 sec. Flux tight.
Soldering iron - max. 350 C for max. 3 sec. Flux tight.
Environmental Endurance IEC-68-2-3
Temperature
+40
Humidity
93% RH
Duration
56 Days
Temperature Cycling IEC 68-2-14
Temperature limit
Min. -55 C - Max. +85
Number of cycles
200
Exposure time at each temperature
10 min.
Recovery time before measurements
16 hrs.
Sealing IEC 529
IP-67
Cleaning
Standard methods such as freon and water
Material Specifications - Switches
Housing
PBT UL94VO
PPS UL94VO
Actuator
PBT UL94VO
PPS UL94VO
Sealing + spring
Silicone rubber
Contact spring
Stainless steel
Stainless steel
Stainless steel
Stainless steel
+ 3
µAg
+ 3
µAg + 1µAu
+ 3
µAg
+ 3
µAg +1µAu
Fixed Contacts
SnCu + 2
µNI + 3µAg
SnCu + 2
µNI + 3µAg+1µAu
SnCu + 2
µNI + 3µAg
SnCu + 2
µNI + 3µAg +1µAu
Material Specifications - Caps & Bezels
Specifications are subject to change without notice
technical specifications
Parts
Temp limit
UL rating
All lenses
Max. 85ºC
UL94V1
Actuator of 3E
Max. 160ºC
UL94VO
1S, 2S
Max. 160ºC
UL94VO
Standard parts except
Max 65ºC
UL94HB
the below mentioned
Legends Adhesion
ISO Class.: 1/ ASTM Class.: 4B
Terminals
SnCu + 2
µNI + 3µSnPb
SnCu + 2
µNI + 3µSnPb
SnCu + 2
µNI + 3µSnPb
SnCu + 2
µNI + 3µSnPb
Material
Polycarbonate
LCP
PPS
ABS Standard
DIN EN ISO 2409
ººC
ººC
º
º
ºC
ºC
º
º
º
º
ºC
º
ºC
Polyamide
Actuator of Varimec , 1GA / 1GC
Max. 160ºC
UL94VO
multimec®


Similar Part No. - 3FTL6201F038

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3FTL620 ETC1-3FTL620 Datasheet
33Kb / 1P
   through-hole or SMD / 50mA/24VDC / single pole/momentary
More results

Similar Description - 3FTL6201F038

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5GTH920011TS16 ETC2-5GTH920011TS16 Datasheet
1Mb / 3P
   through-hole or SMD
AQC09-242 ETC2-AQC09-242 Datasheet
102Kb / 5P
   Through-hole or SMD
1T09 ETC2-1T09 Datasheet
126Kb / 7P
   through-hole or SMD
3FTL6 ETC1-3FTL6 Datasheet
33Kb / 1P
   through-hole or SMD / 50mA/24VDC / single pole/momentary
logo
Delta Electronics, Inc.
V48SH DELTA-V48SH Datasheet
798Kb / 14P
   SMD and through-hole versions
S48SP DELTA-S48SP Datasheet
448Kb / 14P
   SMD and Through-hole versions
V48SR1R825 DELTA-V48SR1R825 Datasheet
832Kb / 14P
   SMD and through-hole versions
logo
Bourns Electronic Solut...
7914 BOURNS-7914_10 Datasheet
393Kb / 2P
   SMD & Through-hole Sealed Key Switch
logo
Visual Communications C...
LFB012CTP VCC-LFB012CTP Datasheet
143Kb / 2P
   for use with surface-mount or through-hole LEDs
LFC012CTP VCC-LFC012CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com