Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC153MTE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74HC153MTE4
Description  High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC153MTE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC153MTE4 Datasheet HTML 3Page - Texas Instruments CD74HC153MTE4 Datasheet HTML 4Page - Texas Instruments CD74HC153MTE4 Datasheet HTML 5Page - Texas Instruments CD74HC153MTE4 Datasheet HTML 6Page - Texas Instruments CD74HC153MTE4 Datasheet HTML 7Page - Texas Instruments CD74HC153MTE4 Datasheet HTML 8Page - Texas Instruments CD74HC153MTE4 Datasheet HTML 9Page - Texas Instruments CD74HC153MTE4 Datasheet HTML 10Page - Texas Instruments CD74HC153MTE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2


Similar Part No. - CD74HC153MTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC153MT TI-CD74HC153MT Datasheet
264Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer
More results

Similar Description - CD74HC153MTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT153 TI-CD54HCT153 Datasheet
264Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer
74AC11352 TI1-74AC11352 Datasheet
103Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74ACT11352 TI1-74ACT11352 Datasheet
100Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LNE DATA SELECTOR/MULTIPLEXER
CD74HC253M TI1-CD74HC253M Datasheet
397Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253M TI-CD74HC253M Datasheet
388Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC153 TI-CD74HC153 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253 TI-CD74HC253 Datasheet
58Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input Multiplexer
logo
Fairchild Semiconductor
DM74S153 FAIRCHILD-DM74S153 Datasheet
47Kb / 4P
   Dual 1-of-4 Line Data Selector/Multiplexer
logo
Intersil Corporation
CD40257BMS INTERSIL-CD40257BMS Datasheet
59Kb / 8P
   CMOS Quad 2 Line to 1 Line Data Selector/Multiplexer
December 1992
logo
Texas Instruments
CD40257B TI-CD40257B Datasheet
182Kb / 4P
[Old version datasheet]   CMOS QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com