Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-0051001QXA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-0051001QXA
Description  FIXED-POINT DIGITAL SIGNAL PORCESSOR
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-0051001QXA Datasheet(HTML) 9 Page - Texas Instruments

Back Button 5962-0051001QXA Datasheet HTML 5Page - Texas Instruments 5962-0051001QXA Datasheet HTML 6Page - Texas Instruments 5962-0051001QXA Datasheet HTML 7Page - Texas Instruments 5962-0051001QXA Datasheet HTML 8Page - Texas Instruments 5962-0051001QXA Datasheet HTML 9Page - Texas Instruments 5962-0051001QXA Datasheet HTML 10Page - Texas Instruments 5962-0051001QXA Datasheet HTML 11Page - Texas Instruments 5962-0051001QXA Datasheet HTML 12Page - Texas Instruments 5962-0051001QXA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
SMJ320C6203
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SGUS033 − FEBRUARY 2002
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
peripheral register descriptions
Table 3 through Table 12 identify the peripheral registers for the C6203 device by their register names,
acronyms, and hex address or hex address range. For more detailed information on the register contents, bit
names, and their descriptions, see the TMS320C6000 Peripherals Reference Guide (literature number
SPRU190).
Table 3. EMIF Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
0180 0000
GBLCTL
EMIF global control
0180 0004
CECTL1
EMIF CE1 space control
External or internal; dependent on MAP0
or MAP1 configuration (selected by the
MAP bit in the EMIF GBLCTL register
0180 0008
CECTL0
EMIF CE0 space control
External or internal; dependent on MAP0
or MAP1 configuration (selected by the
MAP bit in the EMIF GBLCTL register
0180 000C
Reserved
0180 0010
CECTL2
EMIF CE2 space control
Corresponds to EMIF CE2 memory
space:
[0200 0000 − 02FF FFFF]
0180 0014
CECTL3
EMIF CE3 space control
Corresponds to EMIF CE3 memory
space:
[0300 0000 − 03FF FFFF]
0180 0018
SDCTL
EMIF SDRAM control
0180 001C
SDTIM
EMIF SDRAM refresh control
0180 0020 − 0180 0054
Reserved
0180 0058 − 0183 FFFF
Reserved


Similar Part No. - 5962-0051001QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-0051001QXA TI-5962-0051001QXA Datasheet
1Mb / 10P
[Old version datasheet]   FIXED POINT SIGNAL PROCESSOR
More results

Similar Description - 5962-0051001QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6713 TI-TMS320C6713_08 Datasheet
1Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PORCESSOR
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com