Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2808AD-2Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC2808AD-2Q1
Description  LOW POER CURRENT MODE PUSH-PULL PWM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2808AD-2Q1 Datasheet(HTML) 5 Page - Texas Instruments

  UCC2808AD-2Q1 Datasheet HTML 1Page - Texas Instruments UCC2808AD-2Q1 Datasheet HTML 2Page - Texas Instruments UCC2808AD-2Q1 Datasheet HTML 3Page - Texas Instruments UCC2808AD-2Q1 Datasheet HTML 4Page - Texas Instruments UCC2808AD-2Q1 Datasheet HTML 5Page - Texas Instruments UCC2808AD-2Q1 Datasheet HTML 6Page - Texas Instruments UCC2808AD-2Q1 Datasheet HTML 7Page - Texas Instruments UCC2808AD-2Q1 Datasheet HTML 8Page - Texas Instruments UCC2808AD-2Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UCC2808A1Q1, UCC2808A2Q1
LOW POWER CURRENT MODE PUSHPULL PWM
SGLS183A − AUGUST 2003 − REVISED APRIL 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
pin assignments
COMP: COMP is the output of the error amplifier and the input of the PWM comparator. The error amplifier in
the UCC2808A is a true low-output impedance, 2-MHz operational amplifier. As such, the COMP pin can both
source and sink current. However, the error amplifier is internally current limited, so that zero duty cycle can be
externally forced by pulling COMP to GND.
The UCC2808A family features built-in full-cycle soft start. Soft start is implemented as a clamp on the maximum
COMP voltage.
CS: The input to the PWM, peak current, and overcurrent comparators. The overcurrent comparator is only
intended for fault sensing. Exceeding the overcurrent threshold will cause a soft start cycle. An internal MOSFET
discharges the current sense filter capacitor to improve dynamic performance of the power converter.
FB: The inverting input to the error amplifier. For best stability, keep FB lead length as short as possible and
FB stray capacitance as small as possible.
GND: Reference ground and power ground for all functions. Due to high currents, and high frequency operation
of the UCC2808A, a low impedance circuit board ground plane is highly recommended.
OUTA and OUTB: Alternating high current output stages. Both stages are capable of driving the gate of a power
MOSFET. Each stage is capable of 500-mA peak-source current, and 1-A peak-sink current.
The output stages switch at half the oscillator frequency, in a push-pull configuration. When the voltage on the
RC pin is rising, one of the two outputs is high, but during fall time, both outputs are off. This dead time between
the two outputs, along with a slower output rise time than fall time, insures that the two outputs can not be on
at the same time. This dead time is typically 60 ns to 200 ns and depends upon the values of the timing capacitor
and resistor.
The high-current-output drivers consist of MOSFET output devices, which switch from VDD to GND. Each
output stage also provides a very low impedance to overshoot and undershoot. This means that in many cases,
external-schottky-clamp diodes are not required.
RC: The oscillator programming pin. The UCC2808A’s oscillator tracks VDD and GND internally, so that
variations in power supply rails minimally affect frequency stability. Figure 1 shows the oscillator block diagram.
Only two components are required to program the oscillator: a resistor (tied to the VDD and RC), and a capacitor
(tied to the RC and GND). The approximate oscillator frequency is determined by the simple formula:
f
OSCILLATOR +
1.41
RC
where frequency is in Hz, resistance in Ohms, and capacitance in Farads. The recommended range of timing
resistors is between 10 k
Ω and 200 kΩ and range of timing capacitors is between 100 pF and 1000 pF. Timing
resistors less than 10 k
Ω should be avoided.
For best performance, keep the timing capacitor lead to GND as short as possible, the timing resistor lead from
VDD as short as possible, and the leads between timing components and RC as short as possible. Separate
ground and VDD traces to the external timing network are encouraged.


Similar Part No. - UCC2808AD-2Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808AD-2 TI-UCC2808AD-2 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808AD-2 TI1-UCC2808AD-2 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808AD-2G4 TI1-UCC2808AD-2G4 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results

Similar Description - UCC2808AD-2Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_15 Datasheet
957Kb / 22P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI-UCC2808A-1 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com