Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62293DRVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62293DRVR
Description  1-A Step Down Converter in 2 x 2 SON Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62293DRVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62293DRVR Datasheet HTML 5Page - Texas Instruments TPS62293DRVR Datasheet HTML 6Page - Texas Instruments TPS62293DRVR Datasheet HTML 7Page - Texas Instruments TPS62293DRVR Datasheet HTML 8Page - Texas Instruments TPS62293DRVR Datasheet HTML 9Page - Texas Instruments TPS62293DRVR Datasheet HTML 10Page - Texas Instruments TPS62293DRVR Datasheet HTML 11Page - Texas Instruments TPS62293DRVR Datasheet HTML 12Page - Texas Instruments TPS62293DRVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
TimeBase-10 s/Div
m
V
3.6V,
V
1.8V,I
150mA,
L 2.2 H,C
10 F0603
IN
OUT
OUT
OUT
m
m
V
10mV/Div
OUT
SW2V/Div
I
200mA/Div
coil
TimeBase-10 s/Div
m
V
20mV/Div
OUT
V
3.6V,
V
1.8V,I
10mA,
L 2.2 H,C
10 F0603
IN
OUT
OUT
OUT
m
m
SW2V/Div
I
200mA/Div
coil
V
− InputVoltage − V
IN
8
10
12
14
16
18
20
2
2.5
3
3.5
4
4.5
5
5.5
6
T
=85 C
A
o
T
=-40 C
A
o
MODE=GND,
EN=VIN,
DeviceNotSwitching
T
=25 C
A
o
V
− InputVoltage − V
IN
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2
2.5
3
3.5
4
4.5
5
5.5
6
T
=85 C
A
o
T
=-40 C
A
o
EN=GND
T
=25 C
A
o
TPS62290, TPS62291, TPS62293
SLVS764C – JUNE 2007 – REVISED MARCH 2008
TYPICAL OPERATION
TYPICAL OPERATION
vs
vs
PFM MODE
PWM MODE
Figure 13.
Figure 14.
SHUTDOWN CURRENT INTO VIN
QUIESCENT CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 15.
Figure 16.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS62290 TPS62291 TPS62293


Similar Part No. - TPS62293DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62293DRVR TI-TPS62293DRVR Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62293DRVR TI1-TPS62293DRVR Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62293DRVR TI1-TPS62293DRVR Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62293DRVRG4 TI-TPS62293DRVRG4 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62293DRVRG4 TI1-TPS62293DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
More results

Similar Description - TPS62293DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62290 TI1-TPS62290_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62290 TI1-TPS62290_17 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62590DRVR TI1-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com