Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCPS-8-10-75 Datasheet(PDF) 2 Page - Mini-Circuits

Part # JCPS-8-10-75
Description  POWER SPLITTERS/COMBINERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JCPS-8-10-75 Datasheet(HTML) 2 Page - Mini-Circuits

  JCPS-8-10-75 Datasheet HTML 1Page - Mini-Circuits JCPS-8-10-75 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Design Engineers Search Engine
Provides Actual Data Instantly
At:
http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models
Consult Our Applications Dept.
Mini-Circuits
®
®
139
NSN GUIDE
MCL NO.
NSN
PSC-8-1
6625-01-365-5615
ZB8PD-1(N)
5985-01-482-9739
ZB8PD-2 (SMA)
5895-01-499-6724
ZB8PD-4(SMA)
5985-01-372-8880
ZCSC-8-1
5895-01-495-8803
ZFSC-8-1
5895-01-495-8803
ZFSC-8-1(BNC)
5820-01-136-7244
ZFSC-8-1(SMA)
6620-01-223-1235
ZFSC-8-1-75
5895-01-326-8664
ZFSC-8-43(SMA)
6625-01-333-1125
ZFSC-8375
5895-01-229-0156
ZC8PD-900*
800-900
30
20
0.4
0.7
5.0
0.4
AB186
158.95
NEW ZC8PD1-10
300-1000
27
17
0.6
1.4
8.0
0.7
DE749
169.95
ZCSC-8-1
2-250
37
27
30
20
24
18
0.65 1.2
0.8
1.2
1.0
1.6
2.0
4.0
8.0
0.2
0.3
0.5
UU215
119.95
ZFSC-8-1
0.5-175
30
25
30
20
25
18
0.8
1.2
0.8
1.2
1.0
1.6
1.0
2.5
5.0
0.2
0.2
0.3
R29
99.95
n ZFSC-8-1-75
0.5-175
25
20
30
20
25
20
0.5
1.0
0.6
1.1
0.7
1.3
1.0
2.5
5.0
0.2
0.3
0.5
R29
102.95
n ZFSC-8-4-75
5-1000
35
20
25
16
20
15
0.4
1.0
0.6
1.6
1.6
2.7
2.0
7.0
13.0
0.3
0.5
1.2
R29
139.95
n ZFSC-84-75
1-300
26
20
30
25
30
23
0.8
1.5
0.7
1.1
0.9
1.5
4.0
3.0
8.0
0.2
0.2
0.4
R29
119.95
n ZFSC-8375
50-90
30
25
30
25
25
25
1.0
1.0
1.0
1.3
1.3
1.3
2.0
2.0
2.0
0.2
0.2
0.2
R29
119.95
ZFSC-8-4
5-700
35
20
25
17
20
17
0.8
1.2
1.2
1.8
1.8
2.5
2.0
5.0
15.0
0.2
0.4
0.7
R29
128.95
ZFSC-8-43
10-1000
23
20
25
20
26
20
1.0
1.6
1.4
2.1
2.1
2.9
5.0
10.0
20.0
0.4
0.4
0.7
R29
138.95
ZB8PD-1**
800-960
30
20
0.4
0.9
8.0
0.4
Z41
138.95
ZB8PD-2
1000-2000
24
17
0.8
1.3
18.0
0.8
Z41
138.95
ZB8PD-4
2000-4200
23
16
0.8
1.8
10.0
1.2
Z41
138.95
v ZB8PD-6.4
5600-6800
26
18
0.8
1.7
15.0
0.7
Z41
138.95
ZB8PD-8.4
7200-8400
25
20
0.9
1.6
15.0
0.8
Z41
149.95
ZB8PD-2000***
800-2000
26
18
0.8
1.7
0.7
Z41
149.95
n ZB8PD-22-75
950-2200
24
16
0.7
1.6
0.7
Z41
189.95
ZCSC-8
ZB8PD
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
ZC8PD
ZFSC-8
ISOLATION
dB
INSERTION LOSS, dB
Above 9dB
PHASE
UNBALANCE
Degrees
f
L-fU
MJ
J
J
J
J
Max.
L
Max.
U
Max.
AMPLITUDE
UNBALANCE
dB
U
Max.
MJ
J
J
J
J
Max.
L
Max.
FREQ.
RANGE
MHz
MODEL
NO.
MJ
J
J
J
J
Typ. Min.
L
Typ. Min.
U
Typ. Min.
L
Typ. Max.
MJ
J
J
J
J
Typ. Max.
U
Typ. Max.
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(1-9)
PRICE
$
Note B
Surface Mount t, Plug-In & Coaxial
500 kHz to 8.4 GHz
ZC8PD1
pin connections
see case style outline drawings for pin locations
PORT
bp
bq
br
hn
SUM PORT
2
29
29
1
PORT 1
1773
PORT 2
5
16
16
4
PORT 3
9
31
31
5
PORT 4
13
24
24
6
PORT 5
16
9
9
9
PORT 6
12
2
2
10
PORT 7
8
26
26
11
PORT 8
4
17
17
12
GND EXT.
3,6,7,14,15
2,7,8,13,14
CASE GND
3,6,7,14,15
all other pins
all other pins
2,7,8,13,14
NOT USED
10,11
4,5,15
15
DEMO BOARD
TB-134 (50
Ω)
TB-136 (75
Ω)


Similar Part No. - JCPS-8-10-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JCPS-6-3 MINI-JCPS-6-3 Datasheet
291Kb / 1P
   Power Splitter/Combiner
More results

Similar Description - JCPS-8-10-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PSC-4-1 MINI-PSC-4-1 Datasheet
82Kb / 2P
   POWER SPLITTERS/COMBINERS
K1-SCG MINI-K1-SCG Datasheet
566Kb / 1P
   Power Splitters & Combiners
REV. OR
HPQ-04 MINI-HPQ-04 Datasheet
67Kb / 2P
   POWER SPLITTERS/COMBINERS
SBTCJ-1W MINI-SBTCJ-1W Datasheet
90Kb / 2P
   POWER SPLITTERS/COMBINERS
ZX10-4-SERIES MINI-ZX10-4-SERIES Datasheet
290Kb / 2P
   Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
ZX10-SERIES MINI-ZX10-SERIES Datasheet
136Kb / 1P
   Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
SCN-SERIES MINI-SCN-SERIES Datasheet
194Kb / 2P
   Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
QCN-SERIES MINI-QCN-SERIES Datasheet
143Kb / 3P
   Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz
K1-QCN MINI-K1-QCN Datasheet
279Kb / 1P
   POWER SPLITTER/COMBINERS
K1-ZX10 MINI-K1-ZX10 Datasheet
280Kb / 1P
   POWER SPLITTER/COMBINERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com