Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC49-4H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HC49-4H
Description  SURFACE MOUNT QUARTZ CRYSTALS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HC49-4H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HC49-4H Datasheet HTML 1Page - List of Unclassifed Manufacturers HC49-4H Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
162
HC49/4H SMX Crystals
ISSUE 13 ; 28 SEPTEMBER 2004
Delivery Options
I
Please contact our sales office for current leadtimes
Holder Style
I
HC49/4H SMX crystals are resistance welded,
hermetically sealed in an inert atmosphere with glass to
metal seals securing the lead wires. The lead wires are
formed into a gull wing and mounted on a plastic
former
I
Lower profiles available, please contact our sales office
General Specifications
I
Load Capacitance (CL): 10pF to 75pF or Series
I
Drive Level: 0.5mW max
I
Static Capacitance (C0): 9pF max
I
Ageing: ±3ppm typical per year
Standard Frequency Tolerances and Stabilities
I
±50ppm, ±100ppm
Operating Temperature Ranges
I
0 to 50°C
–20 to 70°C
–10 to 60°C
–30 to 80°C
Storage Temperature Range
I
–55 to 125°C
Environmental Specification
I
Shock: 981m/s2 for 6ms, three shocks in each direction
along three mutually perpendicular planes,
I
Vibration: 10 to 60Hz 0.75mm displacement, 60 to 500Hz
98.1m/s2 acceleration, 30 minute in each of three
mutually perpendicular planes
Solder Condition
I For typical soldering conditions, please see the relevant
page in Application Notes
Marking
I
Frequency only
Minimum Order Information Required
I
Frequency + Holder + Frequency Tolerance @ 25°C
+ Frequency Stability + Operating Temperature Range +
Circuit Condition + Overtone Order
3.8 max
10.3 max
13.4 max.
4.4
11.4±0.2
Solder pad layout
4.0
15.0
–25
Temperature (°C)
–50
0
+25
+100
+25
+70
–20
Typical Frequency Vs Temperature Curves for various
angles of AT-cut crystals
Outline in mm


Similar Part No. - HC49-4H

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
HC49-4H EUROQUARTZ-HC49-4H Datasheet
204Kb / 1P
   Low-cost, industry-standard crystal unit
logo
IQD Frequency Products ...
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
   Quartz Crystal Specification
logo
Golledge Electronics Lt...
HC49-4H GOLLEDGE-HC49-4H Datasheet
531Kb / 4P
   Industry Standard Footprint Leaded Crystal
logo
IQD Frequency Products ...
HC49-4H-AUTO IQD-HC49-4H-AUTO Datasheet
484Kb / 2P
   Crystal Specification
logo
Golledge Electronics Lt...
HC49-4H/351DF GOLLEDGE-HC49-4H/351DF Datasheet
59Kb / 1P
   Low Profile Crystal
More results

Similar Description - HC49-4H

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
X3215 MERCURY-X3215_17 Datasheet
130Kb / 1P
   Quartz Crystal [ Surface Mount Crystals ]
X21 MERCURY-X21_17 Datasheet
101Kb / 1P
   Quartz Crystal [ Surface Mount Crystals ]
X32 MERCURY-X32_17 Datasheet
104Kb / 1P
   Quartz Crystal [ Surface Mount Crystals ]
X22 MERCURY-X22_17 Datasheet
103Kb / 1P
   Quartz Crystal [ Surface Mount Crystals ]
X2012 MERCURY-X2012 Datasheet
130Kb / 1P
   Quartz Crystal [ Surface Mount Crystals ]
logo
Abracon Corporation
ABMM2 ABRACON-ABMM2 Datasheet
641Kb / 2P
   CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
05.01.07
ABMM2 ABRACON-ABMM2_15 Datasheet
1Mb / 3P
   CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
01.18.13
ABMM2-8.000MHZ-E2-T ABRACON-ABMM2-8.000MHZ-E2-T Datasheet
1Mb / 3P
   CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
01.18.13
ABMM-1 ABRACON-ABMM-1 Datasheet
833Kb / 2P
   CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
07.08.10
logo
Vishay Siliconix
XT57C VISHAY-XT57C Datasheet
32Kb / 1P
   Quartz Crystals
Revision 05-Jan-00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com