Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCPS-8-850-75L Datasheet(PDF) 1 Page - Mini-Circuits

Part # JCPS-8-850-75L
Description  POWER SPLITTERS/COMBINERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JCPS-8-850-75L Datasheet(HTML) 1 Page - Mini-Circuits

  JCPS-8-850-75L Datasheet HTML 1Page - Mini-Circuits JCPS-8-850-75L Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
138
PSC-8A
PSC-8
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
NEW
u JCPS-8-10
5-1000
34
20
22
16
20
15
0.5
1.5
1.2
2.2
1.8
3.0
5
10
15
1.0
0.7
1.3
BG291
hn
39.95
un JCPS-8-10-75
5-1000
34
20
25
15
20
13
0.8
1.5
1.0
2.5
1.8
3.0
3
8
10
0.4
0.5
1.3
BG291
hn
71.95
un JCPS-8-850-75
10-850
34
20
25
15
20
15
0.7
1.5
1.0
2.0
1.8
3.0
0.6
0.7
1.0
BG291
hn
69.95
u JCPS-8-850
10-850
34
20
25
17
20
15
0.8
1.5
1.0
2.5
1.8
3.0
5
10
15
0.6
0.7
1.0
BG291
hn
69.95
PSC-8-1
0.5-175
30
25
30
20
25
18
0.8
1.2
0.8
1.2
1.0
1.6
1.0
2.5
5.0
0.2
0.3
0.5
C07
bp
74.95
PSC-8-1W
10-600
25
20
23
16
20
16
1.0
1.8
1.2
2.2
1.7
2.8
2.0
4.0
10.0
0.3
0.6
0.9
C07
bp
109.95
n PSC-8-1-75
0.5-175
25
20
30
20
25
20
0.5
1.0
0.6
1.1
0.7
1.3
1.0
2.5
5.0
0.2
0.2
0.3
C07
bp
78.95
< PSC-8-6
0.01-10
40
20
40
25
28
23
0.3
1.0
0.5
1.0
0.6
1.1
4.0
2.5
4.0
0.4
0.2
0.3
C07
bp
93.95
PSC-8A-4
5-500
25
20
23
18
20
15
0.7
1.2
1.0
1.8
1.4
2.5
3.0
8.0
16.0
0.2
0.3
0.5
E10
bq
103.95
n PSC-8A4-75
1-300
26
20
30
25
30
23
0.8
1.2
0.7
1.1
0.9
1.3
1.0
3.0
8.0
0.2
0.2
0.4
E10
br
93.95
JCPS-8
SURFACE MOUNT
ISOLATION
dB
INSERTION LOSS, dB
Above 9dB
PHASE
UNBALANCE
Degrees
f
L-fU
MJ
J
J
J
J
Max.
L
Max.
U
Max.
AMPLITUDE
UNBALANCE
dB
U
Max.
MJ
J
J
J
J
Max.
L
Max.
FREQ.
RANGE
MHz
MODEL
NO.
MJ
J
J
J
J
Typ. Min.
L
Typ. Min.
U
Typ. Min.
L
Typ. Max.
MJ
J
J
J
J
Typ. Max.
U
Typ. Max.
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(1-9)
PRICE
$
Note B
NOTES:
u
Aqueous washable
o
Non-hermetic
*
VSWR, input 1.06:1 typical, 1.2:1 max; output 1.17:1 typical, 1.35:1 max
**
VSWR, input 1.22:1 typical, 1.5:1 max; output 1.11:1 typical, 1.30:1 max
*** VSWR, input 1.25:1 typical, 1.8:1 max; output 1.10:1 typical 1.40:1 max
<
Below 0.1 MHz power handling decrease as to typically 15 dBm at 0.01 MHz,
23 dBm at 0.025 MHz, and 29 dBm at 0.05 MHz.
n
Denotes 75 Ohm model, for coax connector models 75 Ohm BNC connec-
tors are standard.
J
When specification for only M range given, specification applies to entire
frequency range.
v
Available only with SMA connectors.
A.
General Quality Control Procedures, Environmental Specifications, Hi-Rel and
MIL description are given in General Information (Section 0).
B.
Connector types and case mounted options, case finishes are given in
section 0, see “Case styles & Outline Drawings”.
C.
Prices and specifications subject to change without notice.
1.
Absolute maximum power, voltage and current ratings:
1a.
Matched power rating,
Models ZB8PD, ZC8PD .................................. 10 Watt
Model JCPS-8-10 ........................................... 0.5 Watt
All other models, ........................................... 1 Watt
1b.
Internal load dissipation,
Model ZC8PD1 ............................................. 2 Watt
Models JCPS-8-850/75, JCPS-8-10 ............... 0.875 Watt
ZB8PD, ZC8PD ................................................ 0.875 Watt
All other models, ........................................... 0.62 Watt
POWER SPLITTERS/COMBINERS
8 WAY-0° 10 kHz to1000 MHz
50&75
see suggested PCB layouts: PL-037 for JCPS models (50
Ω)
PL-074 for JCPS models (75
Ω)


Similar Part No. - JCPS-8-850-75L

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JCPS-6-3 MINI-JCPS-6-3 Datasheet
291Kb / 1P
   Power Splitter/Combiner
More results

Similar Description - JCPS-8-850-75L

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PSC-4-1 MINI-PSC-4-1 Datasheet
82Kb / 2P
   POWER SPLITTERS/COMBINERS
K1-SCG MINI-K1-SCG Datasheet
566Kb / 1P
   Power Splitters & Combiners
REV. OR
HPQ-04 MINI-HPQ-04 Datasheet
67Kb / 2P
   POWER SPLITTERS/COMBINERS
SBTCJ-1W MINI-SBTCJ-1W Datasheet
90Kb / 2P
   POWER SPLITTERS/COMBINERS
ZX10-4-SERIES MINI-ZX10-4-SERIES Datasheet
290Kb / 2P
   Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
ZX10-SERIES MINI-ZX10-SERIES Datasheet
136Kb / 1P
   Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
SCN-SERIES MINI-SCN-SERIES Datasheet
194Kb / 2P
   Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
QCN-SERIES MINI-QCN-SERIES Datasheet
143Kb / 3P
   Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz
K1-QCN MINI-K1-QCN Datasheet
279Kb / 1P
   POWER SPLITTER/COMBINERS
K1-ZX10 MINI-K1-ZX10 Datasheet
280Kb / 1P
   POWER SPLITTER/COMBINERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com