Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWC86A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AWC86A
Description  Micro-Controller incorporates Web-Enabled, Real-time Operating System
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWC86A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AWC86A Datasheet HTML 3Page - List of Unclassifed Manufacturers AWC86A Datasheet HTML 4Page - List of Unclassifed Manufacturers AWC86A Datasheet HTML 5Page - List of Unclassifed Manufacturers AWC86A Datasheet HTML 6Page - List of Unclassifed Manufacturers AWC86A Datasheet HTML 7Page - List of Unclassifed Manufacturers AWC86A Datasheet HTML 8Page - List of Unclassifed Manufacturers AWC86A Datasheet HTML 9Page - List of Unclassifed Manufacturers AWC86A Datasheet HTML 10Page - List of Unclassifed Manufacturers AWC86A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Advanced Web Communication
(7)
Slim-Link® Server
Pin
Signal
Model
Description
Slim-Link® Server Pin Descriptions (continued)
34
AIN6
AWC86A
AIN6 provides one of 8 analog input channels to the AWC86A. The integral
Analog to Digital Convertor creates a serial digital representation and sends it to
Programmable Input/Output 26 of the AMD186 controller.
35
DIN7
AWC86
The AWC86 buffers this digital data input and passes it to the AMD186 Address
and Data Bus bit 7. The buffer for this input is controlled by Programmable
Input/Output 2 from the AMD186 controller.
AIN7
AWC86A
AIN7 provides one of 8 analog input channels to the AWC86A. The integral
Analog to Digital Convertor creates a serial digital representation and sends it to
Programmable Input/Output 26 of the AMD186 controller.
36
DIO22
AWC86
This pin provides access to Programmable Input/Output 29 from the AMD186
controller.
ADCIN
AWC86A
ADCIN provides the input to the Analog to Digital Convertor. This input is
normally tied to the MUXOUT line.
37
DIO23
AWC86
This pin provides access to Programmable Input/Output 26 from the AMD186
controller.
MUXOUT
AWC86A
MUXOUT is the output of the eight to one multiplexor which serves the eight
Analog Input lines on the AWC86A. This output is normally tied to ADCIN.
38
DIO24
AWC86
This pin provides access to Programmable Input/Output 15 from the AMD186
controller.
DA0
AWC86A
This pin provides one of the two analog outputs (VoutA) from the Digital to
Analog Convertor Output integrated into the AWC86A. The digital data is
supplied by Programmable Input/Output 26 from the AMD186 controller.
39
DIO25
AWC86
This pin provides access to Programmable Input/Output 3 from the AMD186
controller.
DA1
AWC86A
This pin provides one of the two analog outputs (VoutB) from the Digital to
Analog Convertor Output integrated into the AWC86A. The digital data is
supplied by Programmable Input/Output 26 from the AMD186 controller
40
DIO10
ALL
This pin provides access to Programmable Input/Output 17 from the AMD186
controller.
41
DIO11
ALL
This pin provides access to Programmable Input/Output 16 from the AMD186
controller.
42
DIO12
ALL
This pin provides access to Programmable Input/Output 14 from the AMD186
controller.
43
DIO13(INT6)
ALL
This pin provides access to Programmable Input/Output 13 from the AMD186
controller. It also provides the input for Interrupt Request 6 to the Slim-Link®
Server.
44
DIO14(INT5)
ALL
This pin provides access to Programmable Input/Output 12 from the AMD186
controller. It also provides the input for Interrupt Request 5.


Similar Part No. - AWC86A

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
AWC-002 TRIPPLITE-AWC-002 Datasheet
175Kb / 3P
   USB Webcam with Microphone for Laptops and Desktop PCs, HD 1080p, Lens Privacy Cover
logo
ANADIGICS, Inc
AWC6312R ANADIGICS-AWC6312R Datasheet
407Kb / 8P
   HELP3TM PCS CDMA 3.4V/28dBm Linear Power Amplifier Module
AWC6312RM9P9 ANADIGICS-AWC6312RM9P9 Datasheet
407Kb / 8P
   HELP3TM PCS CDMA 3.4V/28dBm Linear Power Amplifier Module
AWC6312RM9Q7 ANADIGICS-AWC6312RM9Q7 Datasheet
407Kb / 8P
   HELP3TM PCS CDMA 3.4V/28dBm Linear Power Amplifier Module
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
More results

Similar Description - AWC86A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BAS-3512 ADVANTECH-BAS-3512 Datasheet
534Kb / 1P
   12-ch Web-enabled DDC Controller
logo
Agilent(Hewlett-Packard...
G8830A HP-G8830A Datasheet
309Kb / 2P
   Real-Time PCR System
K8930AA HP-K8930AA Datasheet
308Kb / 2P
   Real-Time PCR System
logo
Infineon Technologies A...
XE161FU INFINEON-XE161FU Datasheet
2Mb / 106P
   Real Time Signal Controller
V1.2 2012-07
logo
Advantech Co., Ltd.
ADAM-6501 ADVANTECH-ADAM-6501 Datasheet
117Kb / 1P
   Web-enabled Universal Communication Controller with Intel XScale
logo
Infineon Technologies A...
XE164FN INFINEON-XE164FN_13 Datasheet
3Mb / 126P
   Real Time Signal Controller
V1.4 2013-02
XE167FH INFINEON-XE167FH Datasheet
1Mb / 143P
   Real Time Signal Controller
V1.3 2011-07
XE162FN INFINEON-XE162FN_13 Datasheet
2Mb / 107P
   Real Time Signal Controller
V1.5 2013-02
logo
Advanced Micro Devices
AM29114 AMD-AM29114 Datasheet
607Kb / 10P
   Real-Time Interrupt Controller
logo
Infineon Technologies A...
XE162FM INFINEON-XE162FM Datasheet
1Mb / 107P
   Real Time Signal Controller
V2.1 2011-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com