Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3631A560KT Datasheet(PDF) 5 Page - Tyco Electronics

Part # 3631A560KT
Description  Shielded SMD Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3631A560KT Datasheet(HTML) 5 Page - Tyco Electronics

  3631A560KT Datasheet HTML 1Page - Tyco Electronics 3631A560KT Datasheet HTML 2Page - Tyco Electronics 3631A560KT Datasheet HTML 3Page - Tyco Electronics 3631A560KT Datasheet HTML 4Page - Tyco Electronics 3631A560KT Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Shielded SMD Power Inductors
Type 3631 Series
Literature No. 1773153
Issued: 08-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Reliability Test -
D, E, F Series
Test Item
Specification
Test Condition
Temperature Cycling:
∆L/L ≤±20%
Room Temp.
-25± 2°C
15 minutes
30 minutes
Room Temp.
85± 2°C
15 minutes
30 minutes
Total: 50 cycles
Humidity Resistance Test:
∆L/L ≤±20%
Temperature: 40± 2°C
Humidity: 90 ~ 95%
Applied Current: Per spec.
Time: 500 hours
High Temp. Resistance Test:
∆L/L ≤±20%
Temperature: 85± 2°C
Applied Current: Per spec.
Time: 500 hours
3631
A
2R5
K
T
Common Part
A, B, C, D, E or F
Style
See Relevant Table for
Inductance Code
Inductance
Tolerance
3631
K - ±10%
L - ±15%
M - 20%
N - 30%
Package
T - Taped and Reeled
How to Order
Dimensions
D, E, F Series
Series
A ±0.3
B ±0.3
C ±0.5
D ±0.3
E (typ)
F (ref)
G (ref)
H (ref)
3631D
12.5
12.5
6.0
5.0
7.0
6.8
5.4
2.9
3631E
12.5
12.5
4.0
5.0
7.0
6.8
5.4
2.9
3631F
12.5
12.5
7.5
5.0
7.0
6.8
5.4
2.9


Similar Part No. - 3631A560KT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3631 BOURNS-3631 Datasheet
46Kb / 1P
   VDSL POTS Splitter
logo
List of Unclassifed Man...
36310 ETC2-36310 Datasheet
226Kb / 1P
   Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
3M Electronics
36310-3200-008 3M-36310-3200-008 Datasheet
219Kb / 4P
   Shielded Compact Ribbon (SCR) Connectors
June 28, 2007
logo
SCHOTT CORPORATION
36313 SCHOTT-36313 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL
logo
List of Unclassifed Man...
36315 ETC2-36315 Datasheet
226Kb / 1P
   Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
More results

Similar Description - 3631A560KT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com