Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM610FU8AS-45S Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # EM610FU8AS-45S
Description  256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM610FU8AS-45S Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button EM610FU8AS-45S Datasheet HTML 3Page - List of Unclassifed Manufacturers EM610FU8AS-45S Datasheet HTML 4Page - List of Unclassifed Manufacturers EM610FU8AS-45S Datasheet HTML 5Page - List of Unclassifed Manufacturers EM610FU8AS-45S Datasheet HTML 6Page - List of Unclassifed Manufacturers EM610FU8AS-45S Datasheet HTML 7Page - List of Unclassifed Manufacturers EM610FU8AS-45S Datasheet HTML 8Page - List of Unclassifed Manufacturers EM610FU8AS-45S Datasheet HTML 9Page - List of Unclassifed Manufacturers EM610FU8AS-45S Datasheet HTML 10Page - List of Unclassifed Manufacturers EM610FU8AS-45S Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EM620FV8BS Series
Low Power, 256Kx8 SRAM
10
32Pin - sTSOP Type1
Unit : millimeters/Inches
PACKAGE DIMENSIONS
0.20
0.008
+0.10
- 0.05
+0.004
- 0.002
#1
#16
0.0197
0.50
13.40
0.528
+/-0.20
+/- 0.008
#32
#17
11.80
0.465
+/-0.10
+/- 0.004
0.018~0.030
0.45~0.75
0.010
0.25 TYP
0~8
0.020
0.50 )
(
0.15
0.006
+0.10
- 0.05
+0.004
- 0.002
0.331
8.40 MAX
0.315
8.00
0.002
0.05 MIN
0.047
1.20 MAX
1.00
0.039
+/-0.10
+/- 0.004
0.010
0.25 )
(
0.004
0.10 MAX


Similar Part No. - EM610FU8AS-45S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM610FP16EU-45L EMLSI-EM610FP16EU-45L Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM610FP16EU-45LF EMLSI-EM610FP16EU-45LF Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM610FP16EU-85L EMLSI-EM610FP16EU-85L Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM610FP16EU-85LF EMLSI-EM610FP16EU-85LF Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM610FP16EV-45L EMLSI-EM610FP16EV-45L Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM610FU8AS-45S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8BS EMLSI-EM620FU8BS Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com