Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX373 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LCX373
Description  Low-Voltage CMOS Octal Transparent Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX373 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LCX373_07 Datasheet HTML 1Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 2Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 3Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 4Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 5Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 6Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 7Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 8Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74LCX373
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 2)
2.3 V
≤ VCC ≤ 2.7 V
1.7
V
2.7 V
≤ VCC ≤ 3.6 V
2.0
VIL
LOW Level Input Voltage (Note 2)
2.3 V
≤ VCC ≤ 2.7 V
0.7
V
2.7 V
≤ VCC ≤ 3.6 V
0.8
VOH
HIGH Level Output Voltage
2.3 V
≤ VCC ≤ 3.6 V; IOL = 100 mA
VCC -0.2
V
VCC = 2.3 V; IOH = -8 mA
1.8
VCC = 2.7 V; IOH = -12 mA
2.2
VCC = 3.0 V; IOH = -18 mA
2.4
VCC = 3.0 V; IOH = -24 mA
2.2
VOL
LOW Level Output Voltage
2.3 V
≤ VCC ≤ 3.6 V; IOL = 100 mA
0.2
V
VCC = 2.3 V; IOL= 8 mA
0.6
VCC = 2.7 V; IOL= 12 mA
0.4
VCC = 3.0 V; IOL = 16 mA
0.4
VCC = 3.0 V; IOL = 24 mA
0.55
II
Input Leakage Current
2.3 V
≤ VCC ≤ 3.6 V; 0 V ≤ VI ≤ 5.5 V
±5
mA
IOZ
3-State Output Current
2.3
≤ VCC ≤ 3.6 V; 0V ≤ VO ≤ 5.5 V;
VI = VIH or V IL
±5
mA
IOFF
Power-Off Leakage Current
VCC = 0 V; VI or VO = 5.5 V
10
mA
ICC
Quiescent Supply Current
2.3
≤ VCC ≤ 3.6 V; VI = GND or VCC
10
mA
2.3
≤ VCC ≤ 3.6 V; 3.6 ≤ VI or VO ≤ 5.5 V
±10
DICC
Increase in ICC per Input
2.3
≤ VCC ≤ 3.6 V; VIH = VCC - 0.6 V
500
mA
2. These values of VI are used to test DC electrical characteristics only.
AC CHARACTERISTICS tR = tF = 2.5 ns; RL = 500 W
Symbol
Parameter
Waveform
Limits
Unit
TA = -40°C to +85°C
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
VCC = 2.5 V ± 0.2 V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
Min
Max
tPLH
tPHL
Propagation Delay
Dn to On
1
1.5
1.5
8.0
8.0
1.5
1.5
9.0
9.0
1.5
1.5
9.6
9.6
ns
tPLH
tPHL
Propagation Delay
LE to On
3
1.5
1.5
8.5
8.5
1.5
1.5
9.5
9.5
1.5
1.5
10.5
10.5
ns
tPZH
tPZL
Output Enable Time to HIGH
and LOW Level
2
1.5
1.5
8.5
8.5
1.5
1.5
9.5
9.5
1.5
1.5
10.5
10.5
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
2
1.5
1.5
7.5
7.5
1.5
1.5
8.5
8.5
1.5
1.5
9.0
9.0
ns
ts
Setup TIme, HIGH or LOW
Dn to LE
3
2.5
2.5
4.0
th
Hold TIme, HIGH or LOW
Dn to LE
3
1.5
1.5
2.0
tw
LE Pulse Width, HIGH
3
3.3
3.3
4.0
tOSHL
tOSLH
Output-to-Output Skew
(Note 3)
1.0
1.0
ns
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter
guaranteed by design.


Similar Part No. - MC74LCX373_07

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX373DT MOTOROLA-MC74LCX373DT Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373DT ONSEMI-MC74LCX373DT Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 4
MC74LCX373DTG ONSEMI-MC74LCX373DTG Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
MC74LCX373DTR2G ONSEMI-MC74LCX373DTR2G Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
logo
Motorola, Inc
MC74LCX373DW MOTOROLA-MC74LCX373DW Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
More results

Similar Description - MC74LCX373_07

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ373 MOTOROLA-MC74LVQ373 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX373 MOTOROLA-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 4
MC74LCX573 ONSEMI-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 3
logo
Motorola, Inc
MC74LVQ573 MOTOROLA-MC74LVQ573 Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX573 MOTOROLA-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373_13 Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
74LVT573 ONSEMI-74LVT573 Datasheet
342Kb / 13P
   Low Voltage Octal Transparent Latch
January 2008 Rev. 1.7.0
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
logo
Renesas Technology Corp
IDT74FCT3573 RENESAS-IDT74FCT3573 Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com