Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84132000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 84132000
Description  SIMM Series Input Modules
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84132000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 84132000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 84132000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 84132000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 84132000 Datasheet HTML 9Page - List of Unclassifed Manufacturers 84132000 Datasheet HTML 10Page - List of Unclassifed Manufacturers 84132000 Datasheet HTML 11Page - List of Unclassifed Manufacturers 84132000 Datasheet HTML 12Page - List of Unclassifed Manufacturers 84132000 Datasheet HTML 13Page - List of Unclassifed Manufacturers 84132000 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
4
For other products, consult our specialist catalogues… For other products, consult our specialist catalogues…
1
4
GA5 range
s
TRIAC low-cost solid state relay
s
Input voltage 3-32 V
c or 90-280 V a c
s
Peak voltage: 600 V
s
UL/CSA approved
s
Certain models are VDE approved
s
Input to output insulation voltage: 4000 V
s
Protection by RC filter
Zero voltage switching
10 A
24 • 280 V
a
3 • 32 V
c
600 V
90 • 280 V
a c
600 V
Zero voltage switching
25 A
24 • 280 V
a
3 • 32 V
c
600 V
90 • 280 V
a c
600 V
Faston tag connectors
Zero voltage switching
10 A
24 • 280 V
a
3 • 32 V
c
600 V
25 A
24 • 280 V
a
90 • 280 V
a c
600 V
EMC level 3
10 A
24 • 280 V
a
3 • 32 V
c
600 V
25 A
24 • 280 V
a
90 • 280 V
a c
600 V
Versions
Rating
Output voltages
Input voltages
Peak voltages
84 061 231
84 061 233
84 061 431
84 061 433
84 061 531
84 061 631
84 131 900
84 131 910
Part number
Thermal dissipation curves
GA5 range - 10 A
GA5 range - 25 A
12
9
6
3
02
92
98
105
112
119
4
6
8
10 20 30 40 50 60 70 80
10
5°C
/ W
6°C
/ W
7°C
/ W
8°C
/ W
10°C
/ W
20°C
/ W
On-state current
(A)
No heatsink
Ambient
temperature °C
30
25
20
15
10
5
5
10
15
20
10 20 30
506070
40
080
°4°
C/
W
°2°
C/
W
°3°
C/
W
35
On-state current
(A)
Ambient
temperature °C
To order
For accessories see page 4/9 and 4/10
For dimensions see page 4/8
GAO range three-phase motor reversing relay
To order
s
Reverses rotation of three-phase motors
s
Output voltage 24-480 V~
s
Input voltage 3-32 V
c
s
Reversal delay : 100ms
s
Interlock against simultaneous actuation in both directions
s
Back-to-back SCRs
s
Input to output insulation voltage: 5000 V
a
s
Protected by RC filter and overvoltage limiter
s
Direction of rotation displayed by 2 green LEDS
For accessories see page 4/9 and 4/10
25 A
24 • 480 V
a
3 • 32 V
c
Rating
Output voltage
Input voltage
84 067 441
Part number
Thermal curves
GAO range - 25 A
Dimensions
(General tolerances ± 0.5)
50
40
30
20
10
510
15
20
10
25
20 30 40 50 60 70 80
7
8
9
1
1
1
0
0,5°
C
/ W
C
/ W
2° C
/ W
3° C / W
104
81
61
41
21
5,3
12,1
92
6,35
7,62
L1
U
L2
V
A1F
A2
A1R
On-state current
(A)
Ambient
temperature (° C)
4 M4 screws
No heatsink
3 M3.5 screws
Solid state relays


Similar Part No. - 84132000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8413200000 ETC2-8413200000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 84132000

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SM-IAC5 CRYDOM-SM-IAC5 Datasheet
458Kb / 4P
   SM SERIES INPUT MODULES
SMI-AC5 CRYDOM-SMI-AC5 Datasheet
580Kb / 4P
   SM SERIES INPUT MODULES
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
List of Unclassifed Man...
DI-8B45 ETC1-DI-8B45 Datasheet
318Kb / 2P
   Frequency Input Modules
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
70-IAC5 GRAYHILL-70-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
   Thermocouple Input Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com