Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX373DWR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74LCX373DWR2G
Description  Low-Voltage CMOS Octal Transparent Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX373DWR2G Datasheet(HTML) 6 Page - ON Semiconductor

  MC74LCX373DWR2G Datasheet HTML 1Page - ON Semiconductor MC74LCX373DWR2G Datasheet HTML 2Page - ON Semiconductor MC74LCX373DWR2G Datasheet HTML 3Page - ON Semiconductor MC74LCX373DWR2G Datasheet HTML 4Page - ON Semiconductor MC74LCX373DWR2G Datasheet HTML 5Page - ON Semiconductor MC74LCX373DWR2G Datasheet HTML 6Page - ON Semiconductor MC74LCX373DWR2G Datasheet HTML 7Page - ON Semiconductor MC74LCX373DWR2G Datasheet HTML 8Page - ON Semiconductor MC74LCX373DWR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC74LCX373
http://onsemi.com
6
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
6 V
GND
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6 V at VCC = 3.3 0.3 V
6 V at VCC = 2.5 0.2 V
Open Collector/Drain tPLH and tPHL
6 V
tPZH, tPHZ
GND
CL = 50 pF at VCC = 3.3 0.3 V or equivalent (includes jig and probe capacitance)
CL = 30 pF at VCC = 2.5 0.2 V or equivalent (includes jig and probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)
Figure 4. Test Circuit
ORDERING INFORMATION
Device
Package
Shipping
MC74LCX373DWR2
SOIC-20
1000 Tape & Reel
MC74LCX373DWR2G
SOIC-20
(Pb-Free)
1000 Tape & Reel
MC74LCX373DT
TSSOP-20*
75 Units / Rail
MC74LCX373DTG
TSSOP-20*
(Pb-Free)
75 Units / Rail
MC74LCX373DTR2
TSSOP-20*
2500 Tape & Reel
MC74LCX373DTR2G
TSSOP-20*
(Pb-Free)
2500 Tape & Reel
MC74LCX373MEL
SOEIAJ-20
2000 Tape & Reel
MC74LCX373MELG
SOEIAJ-20
(Pb-Free)
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb-Free.


Similar Part No. - MC74LCX373DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX373DWR2G ONSEMI-MC74LCX373DWR2G Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
More results

Similar Description - MC74LCX373DWR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ373 MOTOROLA-MC74LVQ373 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX373 MOTOROLA-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 4
MC74LCX573 ONSEMI-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 3
logo
Motorola, Inc
MC74LVQ573 MOTOROLA-MC74LVQ573 Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX573 MOTOROLA-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373_13 Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
74LVT573 ONSEMI-74LVT573 Datasheet
342Kb / 13P
   Low Voltage Octal Transparent Latch
January 2008 Rev. 1.7.0
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
logo
Renesas Technology Corp
IDT74FCT3573 RENESAS-IDT74FCT3573 Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com