Electronic Components Datasheet Search |
|
T369D105J035A Datasheet(PDF) 1 Page - Kemet Corporation |
|
T369D105J035A Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 10 page TANTALUM DIPPED / RADIAL — POLAR KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 61 • CAPACITANCE/VOLTAGE RANGE: T35X/T39X: 0.1-680µF, 3-50 Volts. T36X: 0.1-330µF, 6-50 Volts. • CAPACITANCE TOLERANCE: Available in stan- dard EIA nominal values with ±20% and ±10% standard. • DISSIPATION FACTOR: Maximum DF limits are shown in corresponding series part number list- ings. See Application Notes Section, page 76 for additional information. • DC LEAKAGE CURRENT: Maximum leakage val- ues at 25° are shown in part number listings, pages 63-65, 67, 68 and 70. See Application Notes Section, pages 76 & 77 for additional infor- mation. • RATED VOLTAGE; WORKING VOLTAGE; SURGE VOLTAGE; REVERSE VOLTAGE: See Application Notes Section, pages 76 & 77 for description. • IMPEDANCE and ESR: See Application Notes Section, page 77 & 78 for description. Reference ESR values are shown in table below. • AC RIPPLE VOLTAGE: Permissible AC ripple volt- age is related to equivalent series resistance (ESR) and power dissipation capability. Maximum power dissipation for each case size is listed in Table below. For additional description see page 78. • ENVIRONMENTAL CONSIDERATIONS: A. Shock Test: MIL-STD-202, Method 213. B. Thermal Shock, MIL-STD-202, Method 107, Condition A. C. Moisture Resistance: MIL-STD-202, Method 106. D. Solderability: MIL-STD-202, Method 208. For additional Environmental Test Information see pages 80, 81 and 82. • LEAD MATERIAL: Solder coated steel core with copper ply per MIL-STD-127. • LEAD TAPE and REEL: Reeling per specification RS-468. See pages 72 - 74 for additional informa- tion. PERFORMANCE CHARACTERISTICS Case Power Dissipation Size (max.) @ 25°C (watts) T35X, A .040 T39X B .050 C .060 D .065 E .070 F .080 G .090 H .100 J.110 K .120 L .130 M .140 T36X A .050 B .075 C .090 D .135 Maximum Power Dissipation Capability @ 25°C Commercial T35X/T36X/T39X ESR (OHMS) at 100 kHz @ +25 °C (The ESR values provided below are for reference only. No warranty, as stated on page 3 and reincorporated here, is made as to the accuracy of these values for any particular T35X, T36X, T39X Series product.) 0.10 0.15 0.22 0.33 0.47 0.68 1.00 1.50 2.20 3.30 4.70 6.80 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 220.0 330.0 13.0 10.0 8.0 6.0 5.0 3.7 3.0 2.0 1.8 1.6 0.9 0.9 0.7 13.0 10.0 8.0 6.0 5.0 3.7 2.7 2.1 1.7 1.3 1.0 0.8 0.6 10.0 8.0 6.0 5.0 4.0 3.2 2.5 2.0 1.6 1.3 1.0 0.8 0.6 10.0 9.0 7.0 5.5 4.5 3.6 2.9 2.3 1.8 1.4 1.2 0.9 0.6 10.0 8.0 6.0 5.0 4.0 3.1 2.5 2.0 1.5 1.2 1.0 0.8 26.0 21.0 17.0 15.0 13.0 10.0 8.0 6.0 5.0 4.0 3.0 2.5 2.0 1.6 1.3 1.0 0.8 26.0 21.0 17.0 15.0 13.0 10.0 8.0 5.0 3.5 3.0 2.5 2.0 1.6 1.2 1.0 Cap. µF 6 Volt 10 Volt 16 Volt 20 Volt 25 Volt 35 Volt 50 Volt |
Similar Part No. - T369D105J035A |
|
Similar Description - T369D105J035A |