Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCP-050CA-25-80.000 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CCP-050CA-25-80.000
Description  14 Pin Dip, 3.3V, PECL PECL Clock Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CCP-050CA-25-80.000 Datasheet(HTML) 1 Page - Crystek Corporation

  CCP-050CA-25-80.000 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-021019 Rev. F
Specifications subject to change without notice.
Aging:
Designed to meet today's
requirements for
economical PECL
applications.
14 Pin Dip,
3.3V, PECL
CCP-033 Model
30MHz to 80MHz
±10ppm to ±100ppm
See Table 1
-55°C to 120°C
3.3V ± 0.3V
50mA Max
PECL
40/60% Max @ 50% Vdd
45/55% Max
1ns Typ, 2ns Max (20% - 80%)
Voh = 2.20V Min, 2.30V Max
Vol = 1.45V Min, 1.55V Max
50 Ohms to Vcc-2V
Complementary Output
Single Output
Frequency Range:
Frequency Stability:
Temperature Range:
Storage:
Input Voltage:
Input Current:
Output:
Symmetry:
(Option Y)
Rise/Fall Time:
Output Voltage:
Load:
Configuration:
(Option C)
(Option S)
CCP-033
0.750
(19.05)
0.820
(20.83)
0.450
(11.43)
0.520
(13.21)
CRYSTEK
Part Number
Frequency
Date Code
0.600
(15.24)
0.300
(7.62)
1
14
7
8
0.216
(5.50)
0.260
(6.60)
**Custom Designs Available
Table 1
Operating
Temperature
Freq. Stability
(± ppm)
0°C to 50°C
0°C to 70°C
-10°C to 60°C
-10°C to 70°C
-20°C to 70°C
-30°C to 75°C
-40°C to 85°C
10
20
20
20
20
25
25
25
25
25
25
50
50
50
50
50
50
50
A
B
C
D
E
F
G
100
25
10
100
100
100
100
100
100
CCP-033 C A Y - 25 - 80.000
Crystek Part Number Guide
#1
#2
#3
#4
#6
#5
#1 Crystek 14 Pin Dip PECL Oscillator
#2 Output Option: (C = Comp) (S = Single)
#3 Operating Temp.: (see table 1 )
#4 Symmetry: (Blank = 40/60, Y=45/55)
#5 Stability PPM: (see table 1, Blank = 100ppm)
#6 Frequency in MHz: 3 or 6 decimal places
Example:
CCP-033CAY-25-80.000 = 3.3V, Comp., 0/50°C, 45/55, 25ppm, 80.000MHz
CCP-033SA-50.000 = 3.3V, Single, 0/50°C, 40/60, 50.000MHz
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
PIN
Function
1
7
8
14
Comp or NC
GND
OUT
Vcc
<3ppm 1st/yr
PWR
Supply
mA
M
OSC.
pin 1
pin 14
pin 7
pin 8
GND
OUT
Vdd
Comp/NC
VM
124
Ohm
82
Ohm
82
Ohm
124
Ohm
PROBE
PROBE
10
PECL Clock Oscillator
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Similar Part No. - CCP-050CA-25-80.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCP-050CA-25-155.520 CRYSTEKCRYSTAL-CCP-050CA-25-155.520 Datasheet
108Kb / 1P
   14 Pin Dip, 5V, PECL PECL Clock Oscillator
More results

Similar Description - CCP-050CA-25-80.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCP-050 CRYSTEKCRYSTAL-CCP-050 Datasheet
108Kb / 1P
   14 Pin Dip, 5V, PECL PECL Clock Oscillator
logo
Connor-Winfield Corpora...
EE14-621 CONNOR-WINFIELD-EE14-621 Datasheet
80Kb / 2P
   14 PIN DIP 3.3V PECL
EE24-511 CONNOR-WINFIELD-EE24-511 Datasheet
89Kb / 2P
   14 PIN DIP 3.3V PECL
logo
Fox Electronics
F5L-4G FOX-F5L-4G Datasheet
89Kb / 1P
   14-PIN DIP PECL OSCILLATOR
logo
MTRONPTI
M3E_0611 MTRONPTI-M3E_0611 Datasheet
188Kb / 1P
   14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
ME MTRONPTI-ME_07 Datasheet
256Kb / 1P
   14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
M3E MTRONPTI-M3E Datasheet
213Kb / 1P
   14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
ME11XAA MTRONPTI-ME11XAA Datasheet
190Kb / 1P
   14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
logo
Connor-Winfield Corpora...
EH13-620 CONNOR-WINFIELD-EH13-620 Datasheet
88Kb / 2P
   14 PIN DIP PECL
EH13-510 CONNOR-WINFIELD-EH13-510 Datasheet
83Kb / 2P
   14 PIN DIP PECL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com