Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCPD-033-50-155.520 Datasheet(PDF) 3 Page - Crystek Corporation

Part # CCPD-033-50-155.520
Description  LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CCPD-033-50-155.520 Datasheet(HTML) 3 Page - Crystek Corporation

  CCPD-033-50-155.520 Datasheet HTML 1Page - Crystek Corporation CCPD-033-50-155.520 Datasheet HTML 2Page - Crystek Corporation CCPD-033-50-155.520 Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CCPD-033 LVPECL
Clock Oscillator
5x7mm SMD
3.3 Volts
Rev.: N
Date: 05-13-08
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical
Temperature Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.
0.055 Typ
(1.40 Typ)
0.100
(2.54)
0.200
(5.08)
0.045 ±0.008
(1.14 ±0.20)
#1
#2
#3
#4
#5
#6
0.274 ±0.007
(6.96 ±0.18)
0.193 ±0.007
(4.90 ±0.18)
Denotes pad 1
0.075
(1.80)
Pad Connection
1
Enable/Disable
2
N/C
3
GND
4
Out
5
Comp. Out
6
VCC
Part Number
Frequency
DC Lot Code
0.01uF Bypass Capacitor Recommended
SUGGESTED PAD LAYOUT
0.071 SQ
(1.80)
0.148
(3.75)
0.200
(5.08)
CCPD - 033 X - 25 - 155.520
#2 #3
#1
#5
#4
#1 Crystek PECL Oscillator
#2 Model 033
#3 Temp. Range (Blank=0/70°C)(M=-20/70°C)(X=-40/85°C)
#4 Stability: (see Table 1)
#5 Frequency in MHz: 3 or 6 decimal places
Example:
CCPD-033X-25-155.520
3.3V, -40/85°C, ±25ppm, 155.520 MHz
Stability Indicator
Blank(std) ±100ppm
50
±50ppm
25
±25ppm
20
±20ppm
Table 1
PART NUMBER GUIDE
Mechanical:
Shock:
Solderability:
Vibration:
Solvent Resistance:
Resistance to Soldering Heat:
Environmental:
Thermal Shock:
Moisture Resistance:
MIL-STD-883, Method 2002, Condition B
MIL-STD-883, Method 2003
MIL-STD-883, Method 2007, Condition A
MIL-STD-202, Method 215
MIL-STD-202, Method 210, Condition I or J
MIL-STD-883, Method 1011, Condition A
MIL-STD-883, Method 1004
Tri-State Function
Pin #1
State
Output
State
Open or N/C
Active
“1” level 0.7*Vcc Min
Active
“0” level 0.3*Vcc Max
High Z
Dimensions inches (mm)
All dimensions are Max unless otherwise specified.


Similar Part No. - CCPD-033-50-155.520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CCPD-033-50 ETC2-CCPD-033-50 Datasheet
115Kb / 1P
   Clock Oscillator
More results

Similar Description - CCPD-033-50-155.520

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCPD-034 CRYSTEKCRYSTAL-CCPD-034 Datasheet
594Kb / 3P
   LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
CCPD-023 CRYSTEKCRYSTAL-CCPD-023 Datasheet
593Kb / 3P
   5x7mm SMD LVPECL Clock Oscillator 2.5 Volts
CCPD-024 CRYSTEKCRYSTAL-CCPD-024 Datasheet
597Kb / 3P
   5x7mm SMD LVPECL Clock Oscillator 2.5 Volts
C33XX CRYSTEKCRYSTAL-C33XX Datasheet
562Kb / 3P
   5x7mm SMD HCMOS Clock Oscillator 3.3 Volts
CCLD-034 CRYSTEKCRYSTAL-CCLD-034 Datasheet
596Kb / 3P
   5x7mm SMD LVDS Clock Oscillator 3.3 Volts
CCLD-033 CRYSTEKCRYSTAL-CCLD-033 Datasheet
597Kb / 3P
   5x7mm SMD LVDS Clock Oscillator 3.3 Volts
CCLD-023 CRYSTEKCRYSTAL-CCLD-023 Datasheet
598Kb / 3P
   5x7mm SMD LVDS Clock Oscillator 2.5 Volts
CCLD-024 CRYSTEKCRYSTAL-CCLD-024 Datasheet
596Kb / 3P
   5x7mm SMD LVDS Clock Oscillator 2.5 Volts
C32XX CRYSTEKCRYSTAL-C32XX Datasheet
563Kb / 3P
   5x7mm SMD HCMOS Clock Oscillator 5.0 Volts
CVPD-034 CRYSTEKCRYSTAL-CVPD-034 Datasheet
611Kb / 3P
   Voltage Controlled Crystal Oscillator 5x7mm SMD 3.3 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com