Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM4F Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMM4F
Description  High junction temperature Transil?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F Datasheet(HTML) 3 Page - STMicroelectronics

  SMM4F Datasheet HTML 1Page - STMicroelectronics SMM4F Datasheet HTML 2Page - STMicroelectronics SMM4F Datasheet HTML 3Page - STMicroelectronics SMM4F Datasheet HTML 4Page - STMicroelectronics SMM4F Datasheet HTML 5Page - STMicroelectronics SMM4F Datasheet HTML 6Page - STMicroelectronics SMM4F Datasheet HTML 7Page - STMicroelectronics SMM4F Datasheet HTML 8Page - STMicroelectronics SMM4F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SMM4F
Characteristics
3/10
Figure 1.
Definition of IPP pulse
Table 4.
Electrical characteristics - parameter values (Tamb = 25 °C)
Type
IRM max@VRM
VBR @IR
(1)
VCL @IPP
10/1000 µs
RD
(2)
10/1000 µs
VCL @IPP
8/20 µs
RD
(2)
8/20 µs
αT(3)
25 °C 85 °C
min
typ
max
max
max
max
µA
V
V
mA
V
A
Ω
VA
Ω
10-4/°C
SMM4F5.0A
10
50
5.0 6.46 6.80 7.14 10
9.2
43.5
0.047
13.4 174
0.04
5.7
SMM4F6.0A
10
50
6.0 6.65 7.00 7.35 10
10.3 38.8
0.076
13.7 170
0.04
5.9
SMM4F6.5A
10
50
6.5 7.13 7.50 7.88 10
11.2 37.5
0.093
14.5 160
0.04
6.1
SMM4F8.5A
10
50
8.5
9.5
10.0 10.5
1
14.4 27.7
0.141
19.5 124
0.07
7.3
SMM4F10A
0.2
1
10
11.4 12.0 12.6
1
17.0 23.5
0.187
21.7 106
0.09
7.8
SMM4F12A
0.2
1
12
13.3 14.0 14.7
1
19.9 20.1
0.259
25.3
91
0.12
8.3
SMM4F13A
0.2
1
13
14.3 15.0 15.8
1
21.5 18.6
0.309
27.2
85
0.13
8.4
SMM4F15A
0.2
1
15
17.1 18.0 18.9
1
24.4 16.4
0.335
32.5
71
0.19
8.8
SMM4F18A
0.2
1
18
20.9 22.0 23.1
1
29.2 14.0
0.436
39.3
59
0.27
9.2
SMM4F20A
0.2
1
20
22.8 24.0 25.2
1
32.4 12.0
0.600
42.8
54
0.33
9.4
SMM4F24A
0.2
1
24
26.6 28.01 29.4
1
38.9
9.5
1.00
50
46
0.47
9.6
SMM4F26A
0.2
1
26
28.5 30.0 31.5
1
42.1
9.0
1.18
53.5
43
0.51
9.7
SMM4F28A
0.2
1
28
31.4 33.0 34.7
1
45.4
8.0
1.34
59.0
39
0.62
9.8
SMM4F33A
0.2
1
33
37.1 39.0 41.0
1
53.3
7.0
1.76
69.7
33
0.87
10.0
1.
Pulse test: tp <50ms.
2.
To calculate maximum clamping voltage at other surge currents, use the following formula VCLmax = RD x IPP + VBRmax
3.
To calculate VBR versus junction temperature, use the following formula: VBR @ Tj = VBR @ 25 °C x (1 + αT x (Tj - 25))
100
50
%IPP
tr
tp
0
t
Repetitive peak pulse current
tr = rise time (µs)
tp = pulse duration time (µs)


Similar Part No. - SMM4F

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SMM4F SHUNYE-SMM4F Datasheet
285Kb / 5P
   Stand off voltage range - from 5 V to 33 V
logo
STMicroelectronics
SMM4F10A STMICROELECTRONICS-SMM4F10A Datasheet
112Kb / 10P
   High junction temperature Transil
logo
Shanghai Shunye Electro...
SMM4F10A SHUNYE-SMM4F10A Datasheet
285Kb / 5P
   Stand off voltage range - from 5 V to 33 V
logo
STMicroelectronics
SMM4F10A STMICROELECTRONICS-SMM4F10A Datasheet
625Kb / 12P
   Unidirectional type
SMM4F10A-TR STMICROELECTRONICS-SMM4F10A-TR Datasheet
625Kb / 12P
   Unidirectional type
More results

Similar Description - SMM4F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6J_0711 STMICROELECTRONICS-SMA6J_0711 Datasheet
117Kb / 10P
   High junction temperature Transil
SMA6F STMICROELECTRONICS-SMA6F Datasheet
105Kb / 9P
   High junction temperature Transil
SMA4F STMICROELECTRONICS-SMA4F Datasheet
102Kb / 9P
   High junction temperature Transil?
September 2008 Rev 1
SMM4F15A-TR STMICROELECTRONICS-SMM4F15A-TR Datasheet
112Kb / 10P
   High junction temperature Transil
SMA6F13A-TR STMICROELECTRONICS-SMA6F13A-TR Datasheet
101Kb / 9P
   High junction temperature Transil?
SMA6J STMICROELECTRONICS-SMA6J Datasheet
111Kb / 10P
   High junction temperature Transil TM
SM6HT STMICROELECTRONICS-SM6HT Datasheet
51Kb / 6P
   HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
logo
Silikron Semiconductor ...
SSBD10L100CT SILIKRON-SSBD10L100CT Datasheet
462Kb / 6P
   High Junction Temperature
SSBD5L150A SILIKRON-SSBD5L150A Datasheet
297Kb / 5P
   High Junction Temperature
SSTS2065 SILIKRON-SSTS2065 Datasheet
320Kb / 6P
   High Junction Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com