Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBN1661G_M02-QFPG Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SBN1661G_M02-QFPG
Description  Dot-matrix STN LCD Driver with 32-row x 80-column Display Data Memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SBN1661G_M02-QFPG Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SBN1661G_M02-QFPG Datasheet HTML 2Page - List of Unclassifed Manufacturers SBN1661G_M02-QFPG Datasheet HTML 3Page - List of Unclassifed Manufacturers SBN1661G_M02-QFPG Datasheet HTML 4Page - List of Unclassifed Manufacturers SBN1661G_M02-QFPG Datasheet HTML 5Page - List of Unclassifed Manufacturers SBN1661G_M02-QFPG Datasheet HTML 6Page - List of Unclassifed Manufacturers SBN1661G_M02-QFPG Datasheet HTML 7Page - List of Unclassifed Manufacturers SBN1661G_M02-QFPG Datasheet HTML 8Page - List of Unclassifed Manufacturers SBN1661G_M02-QFPG Datasheet HTML 9Page - List of Unclassifed Manufacturers SBN1661G_M02-QFPG Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
2006 Aug 16
6 of 52
data sheet (v6.3)
Dot-matrix STN LCD Driver with 32-row x 80-column
SBN1661G_M18, SBN1661G_M02, SBN0080G_S18, SBN0080G_S02
Avant Electronics
3
PIN(PAD) ASSIGNMENT, PAD COORDINATES, SIGNAL DESCRIPTION
3.1
The SBN1661G_M18 and SBN1661G_M02 pinning diagram (LQFP100)
Fig.2 The SBN1661G_M18 , the SBN1661G_M02 pin assignment of LQFP100 package.
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
32
33
31
SEG22
SEG23
SEG24
SEG25
SEG26
SEG27
SEG28
SEG29
SEG30
SEG31
SEG32
SEG33
SEG34
SEG35
SEG36
SEG37
SEG38
SEG39
SEG40
SEG41
DB2
DB3
DB6
DB4
FR
V5
V3
RESET/IF
DB7
DB5
VDD
V2
M/S
V4
V1
COM0
COM2
COM3
COM4
COM1
SBN1661G_M18
SBN1661G_M02
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
Note:
(1) For the SBN1661G_M18, pin 74 is OSC1 and pin 75 is OSC2.
(2) For the SBN1661G_M02, pin 74 is CS and pin 75 is CL.
(3) All other pins of both devices have the same pin(pad) assignment.
(4) Both devices can be used as master or slave, by setting their M/S pin.
(Master/Slave Driver)


Similar Part No. - SBN1661G_M02-QFPG

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SBN13001 SEMIWELL-SBN13001 Datasheet
526Kb / 4P
   High Voltage Fast-Switching NPN Power Transistor
logo
Shenzhen Winsemi Microe...
SBN13001 WINSEMI-SBN13001 Datasheet
333Kb / 5P
   High Voltage Fast-Switching NPN Power Transistor
SBN13002 WINSEMI-SBN13002 Datasheet
372Kb / 5P
   High Voltage Fast-SwitchingNPN Power Transistor
logo
SemiWell Semiconductor
SBN13002 SEMIWELL-SBN13002 Datasheet
171Kb / 3P
   High Voltage Fast-Switching NPN Power Transistor
SBN13002-1 SEMIWELL-SBN13002-1 Datasheet
171Kb / 3P
   High Voltage Fast-Switching NPN Power Transistor
More results

Similar Description - SBN1661G_M02-QFPG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBN0064G ETC2-SBN0064G Datasheet
243Kb / 37P
   Dot-matrix STN LCD 64-SEGMENT Driver with 64-row x 64-column Display Data Memory
logo
Sanyo Semicon Device
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
logo
List of Unclassifed Man...
SPOD80A ETC2-SPOD80A Datasheet
1Mb / 17P
   80-Channels Dot Matrix Column/Row OLED Driver
logo
Hitachi Semiconductor
HD66204 HITACHI-HD66204 Datasheet
643Kb / 15P
   DOT MATRIX LIQUID CRYSTAL GRAPHIC DISPLAY COLUMN DRIVER WITH 80-CHANNEL OUPUTS
logo
Toshiba Semiconductor
T6B07 TOSHIBA-T6B07 Datasheet
438Kb / 10P
   COLUMN DRIVER FOR A DOT MATRIX LCD
logo
OKI electronic componet...
MSM6606 OKI-MSM6606 Datasheet
132Kb / 18P
   80-DOT LCD DRIVER WITH KEY MATRIX
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
logo
Toshiba Semiconductor
T6A39 TOSHIBA-T6A39 Datasheet
360Kb / 8P
   COLUMN DRIVER FOR A DOT MATRIX LCD
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
logo
List of Unclassifed Man...
NT3883 ETC1-NT3883 Datasheet
288Kb / 12P
   Dot Matrix LCD 80-Channel Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com