Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVAIC3104IRHBTG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLVAIC3104IRHBTG4
Description  LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVAIC3104IRHBTG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLVAIC3104IRHBTG4 Datasheet HTML 1Page - Texas Instruments TLVAIC3104IRHBTG4 Datasheet HTML 2Page - Texas Instruments TLVAIC3104IRHBTG4 Datasheet HTML 3Page - Texas Instruments TLVAIC3104IRHBTG4 Datasheet HTML 4Page - Texas Instruments TLVAIC3104IRHBTG4 Datasheet HTML 5Page - Texas Instruments TLVAIC3104IRHBTG4 Datasheet HTML 6Page - Texas Instruments TLVAIC3104IRHBTG4 Datasheet HTML 7Page - Texas Instruments TLVAIC3104IRHBTG4 Datasheet HTML 8Page - Texas Instruments TLVAIC3104IRHBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
TLV320AIC3104
SLAS510A – FEBRUARY 2007 – REVISED JULY 2007
LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
• Digital Cameras
• Stereo Audio DAC
• Smart Cellular Phones
102-dBA Signal-to-Noise Ratio
• PDAs
16/20/24/32-Bit Data
• Portable Computing
Supports Sample Rates From 8 kHz to 96
• Communication
kHz
• Entertainment Applications
3D/Bass/Treble/EQ/De-Emphasis Effects
Flexible Power Saving Modes and
Performance are Available
The TLV320AIC3104 is a low-power stereo audio
• Stereo Audio ADC
codec with stereo headphone amplifier, as well as
92-dBA Signal-to-Noise Ratio
multiple inputs and outputs that are programmable in
Supports Sample Rates From 8 kHz to 96
single-ended
or
fully
differential
configurations.
Extensive register-based power control is included,
kHz
enabling stereo 48-kHz DAC playback as low as 14
Digital Signal Processing and Noise
mW from a 3.3-V analog supply, making it ideal for
Filtering Available During Record
portable
battery-powered
audio
and
telephony
• Six Audio Input Pins
applications.
One Stereo Pair of Single-Ended Inputs
The record path of the TLV320AIC3104 contains
One Stereo Pair of Fully Differential Inputs
integrated microphone bias, digitally controlled stereo
microphone preamplifier, and automatic gain control
• Six Audio Output Drivers
(AGC), with mix/mux capability among the multiple
Stereo Fully Differential or Single-Ended
analog inputs. Programmable filters are available
Headphone Drivers
during record which can remove audible noise that
Fully Differential Stereo Line Outputs
can occur during optical zooming in digital cameras.
The playback path includes mix/mux capability from
• Low Power: 14-mW Stereo 48-kHz Playback
the
stereo
DAC
and
selected
inputs,
through
With 3.3-V Analog Supply
programmable
volume
controls,
to
the
various
• Ultralow-Power Mode with Passive Analog
outputs.
Bypass
The
TLV320AIC3104
contains
four
high-power
• Programmable Input/Output Analog Gains
output drivers as well as two fully differential output
• Automatic Gain Control (AGC) for Record
drivers. The high-power output drivers are capable of
• Programmable Microphone Bias Level
driving a variety of load configurations, including up
to four channels of single-ended 16-
Ω headphones
• Programmable PLL for Flexible Clock
using
ac-coupling
capacitors,
or
stereo
16-
Generation
headphones
in
a
capless
output
configuration.
• I2C Control Bus
A
A
• Audio Serial Data Bus Supports I2S,
A
Left/Right-Justified, DSP, and TDM Modes
A
• Extensive Modular Power Control
A
• Power Supplies:
A
A
Analog: 2.7 V–3.6 V.
A
Digital Core: 1.525 V–1.95 V
A
Digital I/O: 1.1 V–3.6 V
A
• Package: 5-mm × 5-mm 32-Pin QFN
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLVAIC3104IRHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVAIC3104IRHBTG4 TI-TLVAIC3104IRHBTG4 Datasheet
1Mb / 93P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLVAIC3104IRHBTG4 TI1-TLVAIC3104IRHBTG4 Datasheet
1Mb / 91P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLVAIC3104IRHBTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com