Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3631C471KT Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3631C471KT
Description  Shielded SMD Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3631C471KT Datasheet(HTML) 1 Page - Tyco Electronics

  3631C471KT Datasheet HTML 1Page - Tyco Electronics 3631C471KT Datasheet HTML 2Page - Tyco Electronics 3631C471KT Datasheet HTML 3Page - Tyco Electronics 3631C471KT Datasheet HTML 4Page - Tyco Electronics 3631C471KT Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Electrical Characteristics -
3631A Series
Inductance
Inductance
Tolerance
Test Freq.
R.D.C. (m
Ω)
I.D.C. (A)
Code
(µH)
(Hz)
Max.
Max.
2R5
2.5
±20%
1K
24.0
5.00
5R0
5.0
±20%
1K
35.0
4.00
7R5
7.5
±20%
1K
40.0
3.50
100
10.0
±20%
1K
54.0
3.00
120
12.0
±20%
1K
65.0
2.80
150
15.0
±20%
1K
70.0
2.70
180
18.0
±20%
1K
82.0
2.60
220
22.0
±20%
1K
95.0
2.40
250
25.0
±20%
1K
120.0
2.00
330
33.0
±20%
1K
145.0
1.80
390
39.0
±20%
1K
160.0
1.65
500
50.0
±10%
1K
200.0
1.50
560
56.0
±10%
1K
240.0
1.40
680
68.0
±10%
1K
280.0
1.30
750
75.0
±10%
1K
330.0
1.20
101
100.0
±10%
1K
400.0
1.00
121
120.0
±10%
1K
500.0
0.90
151
150.0
±10%
1K
580.0
0.80
181
180.0
±10%
1K
750.0
0.70
221
220.0
±10%
1K
840.0
0.65
271
270.0
±10%
1K
1000.0
0.60
331
330.0
±10%
1K
1340.0
0.54
391
390.0
±10%
1K
1500.0
0.50
471
470.0
±10%
1K
1980.0
0.45
561
560.0
±10%
1K
2200.0
0.40
681
680.0
±10%
1K
2400.0
0.35
821
820.0
±10%
1k
3000.0
0.30
Electrical Characteristics -
3631B Series
Shielded SMD Power Inductors
Type 3631 Series
Literature No. 1773153
Issued: 08-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Key Features
I Very High Current Capability
I Wide Value Range
I Available in 6 different styles
I Up to 14A
I Down to 4mm height
I High reliability
I Taped and Reeled
Type 3631 Series
The 3631 series of SMD shielded
Power Inductors are designed to
handle high current and have been
designed for use in SMD power
circuits. With the superior ferrite core
material and its low profile construction
we can ensure excellent inductance
characteristics coupled with proven
Tyco Sigma quality.
Inductance
Inductance
Tolerance
Test Freq.
R.D.C. (m
Ω)
I.D.C. (A)
Code
(µH)
(Hz)
Max.
Max.
2R5
2.5
±20%
1K
16.0
6.20
5R0
5.0
±20%
1K
22.0
4.70
7R5
7.5
±20%
1K
25.0
3.80
100
10.0
±20%
1K
35.0
3.30
120
12.0
±20%
1K
38.0
3.00
150
15.0
±20%
1K
42.0
2.80
180
18.0
±20%
1K
50.0
2.50
220
22.0
±20%
1K
62.0
2.30
270
27.0
±15%
1K
68.0
2.00
330
33.0
±15%
1K
90.0
1.90
390
39.0
±15%
1K
100.0
1.75
470
47.0
±15%
1K
130.0
1.60
560
56.0
±15%
1K
155.0
1.45
680
68.0
±15%
1K
170.0
1.30
820
82.0
±15%
1K
185.0
1.20
101
100.0
±10%
1K
220.0
1.10
121
120.0
±10%
1K
260.0
1.00
151
150.0
±10%
1K
320.0
0.90
181
180.0
±10%
1K
330.0
0.80
221
220.0
±10%
1K
460.0
0.70
271
270.0
±10%
1K
520.0
0.65
331
330.0
±10%
1K
660.0
0.60
391
390.0
±10%
1K
870.0
0.55


Similar Part No. - 3631C471KT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3631 BOURNS-3631 Datasheet
46Kb / 1P
   VDSL POTS Splitter
logo
List of Unclassifed Man...
36310 ETC2-36310 Datasheet
226Kb / 1P
   Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
3M Electronics
36310-3200-008 3M-36310-3200-008 Datasheet
219Kb / 4P
   Shielded Compact Ribbon (SCR) Connectors
June 28, 2007
logo
SCHOTT CORPORATION
36313 SCHOTT-36313 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL
logo
List of Unclassifed Man...
36315 ETC2-36315 Datasheet
226Kb / 1P
   Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
More results

Similar Description - 3631C471KT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com