Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCPD-940-25-155.520 Datasheet(PDF) 2 Page - Crystek Corporation

Part # CCPD-940-25-155.520
Description  Differential LVPECL XO 9X14 mm SMD, 3.3V, LVPECL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CCPD-940-25-155.520 Datasheet(HTML) 2 Page - Crystek Corporation

  CCPD-940-25-155.520 Datasheet HTML 1Page - Crystek Corporation CCPD-940-25-155.520 Datasheet HTML 2Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice.
9X14 mm SMD,
3.3V, LVPECL
CCPD-940 Model
Pin 2
Output Pin
Open
"0" level Vcc-1.620V Max
"1" level Vcc-1.025V Min
Active
Active
Disabled
Enable/Disable Function
Disabled State:
Pin 4 will assume a fixed level of logic "0"
Pin 5 will assume a fixed level of logic "1"
TD-040901 Rev. B
Page 2 of 2
CCPD-940 X-25-155.520
Crystek Part Number Guide
#1 Crystek 9x14 SMD PECL VCXO
#2 Model 940 = High Frequency 3.3V
#3 Temp. Range: Blank = 0/70°C, X=-40/85°C
#4 Stability = 20ppm,25pm,50ppm,Blank=100ppm
#4 Frequency in MHz: 3 or 6 decimal places
#1
#2
#3
#5
Example:
CCPD-940X-25-155.520 = 3.3V,-40/85°C,25ppm,155.520 MHz
#4
0.100
(2.54)
0.040
(1.01)
0.070
(1.77)
1
4
6
3
2
5
SUGGESTED PAD LAYOUT
0.280
(7.11)
0.050
(1.27)
0.200
(5.08)
0.090
(2.28)
Pad
Connection
1
2
3
4
5
6
No Conn.
E/D
GND
OUT
COUT
Vdd
Standard Frequencies MHz
77.7600
155.5200
156.2500
161.1328
166.6286
167.3317
200.0000
212.5000
Differential LVPECL XO
Mechanical:
Shock:
MIL-STD-883, Method 2002, Condition B
Solderability:
MIL-STD-883, Method 2003
Vibration:
MIL-STD-883, Method 2007, Condition A
Solvent Resistance:
MIL-STD-202, Method 215
Resistance to Soldering Heat:
MIL-STD-202, Method 210, Condition I or J
Environmental:
Thermal Shock:
MIL-STD-883, Method 1011, Condition A
Moisture Resistance:
MIL-STD-883, Method 1004
Packaging:
Tape/Reel:
100ea, 250ea,500ea 24mm Tape
0.360
(9.14)
0.560
(14.2)
CRYSTEK
P/N
Frequency
Date Code
0.210
(5.3)
0.560
(14.2)
Bottom View
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical Temperature
Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.


Similar Part No. - CCPD-940-25-155.520

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCPD-940 CRYSTEKCRYSTAL-CCPD-940_15 Datasheet
143Kb / 2P
   Clock Oscillator
More results

Similar Description - CCPD-940-25-155.520

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVPD-940 CRYSTEKCRYSTAL-CVPD-940 Datasheet
121Kb / 2P
   Differential LVPECL VCXO 9X14 mm SMD, 3.3V, LVPECL
CVPD-970 CRYSTEKCRYSTAL-CVPD-970 Datasheet
126Kb / 2P
   Differential LVPECL VCXO 9X14 mm SMD, 3.3V, LVPECL
CCPD-912 CRYSTEKCRYSTAL-CCPD-912 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator 9X14 mm SMD, 3.3V, LVPECL
CCPD-914 CRYSTEKCRYSTAL-CCPD-914 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator 9X14 mm SMD, 3.3V, LVPECL
CCPD-915 CRYSTEKCRYSTAL-CCPD-915 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator FR5 9X14 mm SMD, 3.3V, LVPECL
CVPD-914 CRYSTEKCRYSTAL-CVPD-914 Datasheet
113Kb / 1P
   Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD, 3.3V, LVPECL
CVPD-920 CRYSTEKCRYSTAL-CVPD-920 Datasheet
74Kb / 1P
   Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD, 3.3V, LVPECL
logo
Pericom Semiconductor C...
NX502 PERICOM-NX502 Datasheet
834Kb / 2P
   2.5V/3.3V LVPECL XO
NX252 PERICOM-NX252 Datasheet
691Kb / 2P
   2.5V/3.3V LVPECL XO
NX322 PERICOM-NX322 Datasheet
667Kb / 2P
   2.5V/3.3V LVPECL XO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com