Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16080-00 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 16080-00
Description  160 x 80 Dot Graphic LCD Assembly With LC7981 Sanyo Graphic LCD Controller EL Panel / LED Backlight Options
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16080-00 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  16080-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers 16080-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers 16080-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers 16080-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers 16080-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers 16080-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16080-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16080-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16080-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16080-00
1.3 Absolute Maximum Ratings
1.3 Absolute Maximum Ratings
Parameter
Parameter
Symbol
Symbol
Min
Min
Max
Max
Unit
Unit
Supply voltage for logic
VDD
-0.3
7.0
V
Supply voltage for LCD
VDD – V0
-0.3
10.0
V
Input voltage
VI
-0.3
VDD +0.3
V
Standard Operating temperature
TOP (-ST)
0
50
ºC
Standard Storage temperature
TST (-ST)
-10
60
ºC
Extended Operating temperature
TOP (-ET)
-20
70
ºC
Extended Storage temperature
TST (-ET)
-30
80
ºC
Soldering Temp
Tsolder
260
ºC
1.4 Circuit Block Diagram
Display Frame Ground
C80
Bias
Circuitry
To LSI
DF GND
VSS
VDD
Cathode
Anode
ELP / LED Backlight
S160
80 Line
LCD Panel
160 x 80 Dots
D0 – D7
/RD
/WR
/CE
/RST
FS
2K
SRAM
Controller
LSI
LC7981
C/D
160 Line
SEG Driver
COM. Driver
Vee
1.5 Mechanical Characteristics
Item
Contents
Unit
Module size (W
×H×T)
100.0 x 54.0 x 15.3 Max (LED Backlight)
100.0 x 54.0 x 11.3 Max (No LED / ELP Backlight)
mm
mm
Viewing area (W
×H)
72.0 x 37.8
mm
Active area (W
×H)
67.17 x 33.57
mm
Number of dots
160 x 80
dots
Dot size (W
×H)
0.39 x 0.39
mm
Dot pitch (W
×H)
0.42 x 0.42
mm
PACIFIC DISPLAY DEVICES
04.28.2005
3


Similar Part No. - 16080-00

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1608016 PHOENIX-1608016 Datasheet
290Kb / 5P
   RJ45 connector - VS-PPC-C1-RJ45-MNNA-PG9-8Q5
1608029 PHOENIX-1608029 Datasheet
87Kb / 6P
   Panel mounting frames - VS-PPC-F1-RJ45-MNNA-1R-PHA
1608032 PHOENIX-1608032 Datasheet
77Kb / 5P
   FO connectors - VS-PPC-C1-SCRJ-MNNA-PG9-A4D-C
1608045 PHOENIX-1608045 Datasheet
68Kb / 4P
   FO connectors - VS-PPC-C1-SCRJ-MNNA-PG9-A3C-C
1608061 PHOENIX-1608061 Datasheet
71Kb / 3P
   Panel mounting frames - VS-PPC-F1-SCRJ-MNNA-1RP
More results

Similar Description - 16080-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
240128-06 ETC2-240128-06 Datasheet
496Kb / 32P
   240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
12864-12 ETC2-12864-12 Datasheet
460Kb / 31P
   128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
logo
Vishay Siliconix
LCD-160H160A VISHAY-LCD-160H160A Datasheet
59Kb / 3P
   160 x 160 Graphic LCD
Revision: 26-Mar-09
LCD-160H160A VISHAY-LCD-160H160A_V02 Datasheet
62Kb / 3P
   160 x 160 Graphic LCD
01-Jan-2023
logo
List of Unclassifed Man...
19264-05 ETC-19264-05 Datasheet
517Kb / 18P
   192 x 64 Dot Graphic LCD Assembly With KS0107 / KS108 Graphics Controller LED Backlight
06.27.2003
logo
Vishay Siliconix
LCD-160H128B VISHAY-LCD-160H128B Datasheet
61Kb / 3P
   160 x 128 Graphic LCD
Revision: 11-Dec-12
LCD-160H128E VISHAY-LCD-160H128E Datasheet
63Kb / 3P
   160 x 128 Graphic LCD
Revision: 07-Nov-12
LCD-160H128C VISHAY-LCD-160H128C_V02 Datasheet
66Kb / 3P
   160 x 128 Graphic LCD
01-Jan-2023
LCD-160H128E VISHAY-LCD-160H128E_V02 Datasheet
66Kb / 3P
   160 x 128 Graphic LCD
01-Jan-2023
LCD-160H128B VISHAY-LCD-160H128B_V02 Datasheet
64Kb / 3P
   160 x 128 Graphic LCD
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com