Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5941A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5941A
Description  IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5941A Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5941A Datasheet HTML 4Page - Maxim Integrated Products MAX5941A Datasheet HTML 5Page - Maxim Integrated Products MAX5941A Datasheet HTML 6Page - Maxim Integrated Products MAX5941A Datasheet HTML 7Page - Maxim Integrated Products MAX5941A Datasheet HTML 8Page - Maxim Integrated Products MAX5941A Datasheet HTML 9Page - Maxim Integrated Products MAX5941A Datasheet HTML 10Page - Maxim Integrated Products MAX5941A Datasheet HTML 11Page - Maxim Integrated Products MAX5941A Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
IEEE 802.3af-Compliant Power-Over-Ethernet
Interface/PWM Controller for Power Devices
8
_______________________________________________________________________________________
185
188
187
186
190
189
194
193
192
191
195
-40
-20
0
20
40
60
80
V+ SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = 67V, OPTO = SS_SHDN =
CS = V-, VDD = 13V
0.483
0.484
0.486
0.485
0.487
0.488
-40
0
-20
20
40
60
80
CS THRESHOLD VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
VOPTO = 4V, V+ = 67V
NDRV RESISTANCE
vs. TEMPERATURE
1.0
1.5
2.5
2.0
4.0
4.5
3.5
3.0
5.0
-40
0
20
-20
40
60
80
TEMPERATURE (
°C)
HIGH-SIDE DRIVER
LOW-SIDE DRIVER
170
176
174
172
180
178
188
186
184
182
190
-40
-20
0
20
40
60
80
CURRENT-LIMIT DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
VOPTO = 4V, 100mV OVERDRIVE ON CS
2.400
2.402
2.406
2.404
2.408
2.410
010
15
5
2025303540
VSS_SHDN vs. VDD
VDD (V)
267.0
268.0
267.5
269.0
268.5
269.5
270.0
270.5
271.0
010
15
5
2025303540
NDRV FREQUENCY vs. VDD
VDD (V)
VOPTO = 4V, CS = V-
Typical Operating Characteristics (continued)
(VIN = (GND - VEE) = 48V, GATE = PGOOD = PGOOD = OUT = OPEN, UVLO = VEE, VDD = 13V, NDRV floating, TA = TMIN to TMAX.
Typical values are at TA = +25°C. All voltages are referenced to VEE (for graphs 1–11 in the Typical Operating Characteristics), all
voltages are referenced to V- (for graphs 12–30 in the Typical Operating Characteristics), unless otherwise noted.)
4.50
4.65
4.60
4.55
4.75
4.70
4.95
4.90
4.85
4.80
5.00
-40
-20
0
20
40
60
80
SOFT-START SOURCE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = 67V, OPTO = VCC
CS = SS_SHDN = V-
11.00
11.05
11.15
11.10
11.20
11.25
-40
0
-20
20
40
60
80
V+ INPUT CURRENT
vs. TEMPERATURE (AFTER STARTUP)
TEMPERATURE (
°C)
V+ = 67V, VOPTO = 4V,
CS = V-, VDD = 13V


Similar Part No. - MAX5941A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A Datasheet
453Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941A-MAX5941B MAXIM-MAX5941A-MAX5941B Datasheet
453Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941ACSE MAXIM-MAX5941ACSE Datasheet
453Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941AESE MAXIM-MAX5941AESE Datasheet
453Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
More results

Similar Description - MAX5941A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A Datasheet
453Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
TPS2370 TI1-TPS2370_16 Datasheet
1Mb / 19P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com