Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8610CV Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8610CV
Description  Laser Switching Driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8610CV Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

  SM8610CV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8610CV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8610CV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8610CV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8610CV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8610CV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8610CV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8610CV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8610CV Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SM8610CV
NIPPON PRECISION CIRCUITS INC.—7
Laser Diode Drive Current Mid-value Set Function
The laser diode drive current mid-value can be adjusted by changing the resistance RLD connected between the
LDISET and GND pins. The laser diode drive current mid-value base value ILDSET, given by the following
equation, is set to the LDIOUT output current when the PDVIN voltage is in balance state (147 to 193mV).
Note that the actual LDIOUT current may change due to feedback gain, and laser diode/photo diode variations.
APC Loop Gain Setting
The APC (Auto Power Control) loop gain can be adjusted by changing the external gain set resistance (RG)
connected between the RG1 and RG2 pins. The PDVIN voltage-to-laser drive current open-loop gain is given
approximately by the following equation.
APC Loop Cutoff Frequency Setting
The APC loop cutoff frequency fc is determined by the external resistance RG and the capacitance CG, con-
nected between RG1 and RG2.
If CG is connected between RG2 and VCC, the cutoff frequency is given as follows.
RLD : LDISET connected resistance [Ω]
∆LDIOUT current /∆PDVIN voltage ratio [S]
RG : Resistance connected between RG1 and RG2 [Ω]
ILDSET = ILDSET
× 1000 =
RLD
800[V]
[A]
GmPDVIN = 9.1
× 10 −5 RG [S]
fC1 =
2
πRGCG
1
[Hz]
fC2 =
2
πRGCG
1
[Hz]
2


Similar Part No. - SM8610CV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8613AV NPC-SM8613AV Datasheet
108Kb / 8P
   Laser Switching Driver IC
More results

Similar Description - SM8610CV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8613AV NPC-SM8613AV Datasheet
108Kb / 8P
   Laser Switching Driver IC
logo
Sharp Corporation
IR3C01 SHARP-IR3C01 Datasheet
268Kb / 4P
   Laser Diodes Driver IC
IR3CO1 SHARP-IR3CO1 Datasheet
264Kb / 4P
   Laser Diodes Driver IC
logo
Sony Corporation
CXA2610AN SONY-CXA2610AN Datasheet
119Kb / 10P
   Laser Driver
CXA2610N SONY-CXA2610N Datasheet
119Kb / 10P
   Laser Driver
CXB1558Q-Y SONY-CXB1558Q-Y Datasheet
272Kb / 11P
   Laser Driver
CXB1548Q-Y SONY-CXB1548Q-Y Datasheet
288Kb / 12P
   Laser Driver
logo
M/A-COM Technology Solu...
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com