Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXBM2003 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXBM2003
Description  VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXBM2003 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXBM2003 Datasheet HTML 1Page - Zetex Semiconductors ZXBM2003 Datasheet HTML 2Page - Zetex Semiconductors ZXBM2003 Datasheet HTML 3Page - Zetex Semiconductors ZXBM2003 Datasheet HTML 4Page - Zetex Semiconductors ZXBM2003 Datasheet HTML 5Page - Zetex Semiconductors ZXBM2003 Datasheet HTML 6Page - Zetex Semiconductors ZXBM2003 Datasheet HTML 7Page - Zetex Semiconductors ZXBM2003 Datasheet HTML 8Page - Zetex Semiconductors ZXBM2003 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
One problem with using an external potential
divider (R1 & R2 in Figure 5) is that the motor
becomes susceptible to supply voltage
changes. Say the supply voltage falls,
normally the speed would drop due to less
voltage across the windings, however as the
potential divider is across the supply, as the
voltage falls so the voltage at the SPD pin will
fall. As a lower SPD voltage represents a
higher speed so a lowering of the supply
therefore causes the fan to speed up. To
overcome this it is probably best to use a
Zener regulated supply to the ZXBM200x.
The following Table 1 gives an indication of
the values required for R1 and R2 against
different thermistor values. It should be
noted that these are only for guidance as the
final value will depend upon the thermistor
and motor characteristics and so will need
fine adjustment by experimentation. If the
ZXBM200x device is to be run from a Zener
regulated supply to control the speed verses
supply voltage variation so R1 and R2 will
need allowances made for the voltage value
of Zener chosen.
As the Bipolar drivers have a slower turn-off
characteristics when driven from the
ZXCB200x series slightly different values of
R2 are required over those for MOSFETs.
When driving the SPD pin from a signal or
thermistor remote from the fan or controller
there may be a need to provide noise
protection at the SPD pin. In order to maintain
a smooth speed control characteristic this
will take the form of a capacitor of between
100nF and 1 F connected between the SPD
and Gnd pins somewhere close to the device.
This should suffice for most purposes and
can be determined for each particular
application.
A capacitor on this pin also has an effect on
the start-up characteristic of the motor as the
charging of the capacitor will lag behind the
rise of the supply voltage. As a low voltage on
the SPD pin represents a higher speed the
effect at start-up, if the SPD value is not set for
full speed, will be for the motor speed to
increase past its allotted point before settling
back to that required. Whilst for the capacitor
values stated above this effect may not be
noticeable, for values greater than 1 Fitcan
be used to advantage. In situations where the
motor will be regularly started at a speed
lower than its practical start value it can help
to get motors started, in effect giving the
motor a ‘kick’ to start it.
AN 36 - 5
Applications Note AN36
Issue1 - JULY 2002
Thermistor
Value
Supply
Voltage
MOSFET
Bipolar
R1
R2
R1
R2
4.7k
5V
3.3k
2.2k
3.3k
1.5k
12V
6.8k
1.2k
6.8k
1.0k
24V
15k
1.3k
15k
1.0k
10k
5V
5.6k
3.3k
5.6k
2.4k
12V
13k
2.2k
13k
1.8k
24V
36k
3.3k
33k
2.2k
47k
5V
24k
12k
22k
8.6k
12V
56k
9.1k
56k
7.5k
24V
130k
10k
130k
8.6k
100k
5V
***
*
12V
*
*
*
*
24V
*
*
*
*
Table 1
* Note: Not normally required - dependent upon
thermistor and speed range needed.
Figure 5
showing resistive divider used with <100k
thermistors


Similar Part No. - ZXBM2003

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2003 ZETEX-ZXBM2003 Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM2003 ZETEX-ZXBM2003 Datasheet
258Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM2003X10TA ZETEX-ZXBM2003X10TA Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM2003X10TC ZETEX-ZXBM2003X10TC Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
More results

Similar Description - ZXBM2003

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM2001 ZETEX-ZXBM2001_04 Datasheet
258Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
List of Unclassifed Man...
AMC8500 ETC2-AMC8500 Datasheet
715Kb / 27P
   TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
AMC8510 ETC2-AMC8510 Datasheet
306Kb / 3P
   SINGLE PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2004 DIODES-ZXBM2004 Datasheet
224Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
ZXBM1016 ZETEX-ZXBM1016 Datasheet
252Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
Diodes Incorporated
ZXBM1016 DIODES-ZXBM1016 Datasheet
266Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
List of Unclassifed Man...
AMC8520 ETC2-AMC8520 Datasheet
92Kb / 2P
   SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com