Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39L020Q-90 Datasheet(PDF) 5 Page - Winbond

Part # W39L020Q-90
Description  256K 횞 8 CMOS FLASH MEMORY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39L020Q-90 Datasheet(HTML) 5 Page - Winbond

  W39L020Q-90 Datasheet HTML 1Page - Winbond W39L020Q-90 Datasheet HTML 2Page - Winbond W39L020Q-90 Datasheet HTML 3Page - Winbond W39L020Q-90 Datasheet HTML 4Page - Winbond W39L020Q-90 Datasheet HTML 5Page - Winbond W39L020Q-90 Datasheet HTML 6Page - Winbond W39L020Q-90 Datasheet HTML 7Page - Winbond W39L020Q-90 Datasheet HTML 8Page - Winbond W39L020Q-90 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
W39L020
Publication Release Date: November 11, 2002
- 5 -
Revision A4
Logical Inhibit
Writing is inhibited by holding any one of #OE = VIL, #CE = VIH, or #WE = VIH. To initiate a write cycle
#CE and #WE must be a logical zero while #OE is a logical one.
Power-up Write and Read Inhibit
Power-up of the device with #WE = #CE = VIL and #OE = VIH will not accept commands on the rising
edge of #WE except 5mS delay (see the power up timing in AC Characteristics). The internal state
machine is automatically reset to the read mode on power-up.
Command Definitions
Device operations are selected by writing specific address and data sequences into the command
register. Writing incorrect address and data values or writing them in the improper sequence will reset
the device to the read mode. "Command Definitions" defines the valid register command sequences.
Read Command
The device will automatically power-up in the read state. In this case, a command sequence is not
required to read data. Standard microprocessor read cycles will retrieve array data. This default value
ensures that no spurious alteration of the memory content occurs during the power transition.
The device will automatically returns to read state after completing an Embedded Program or
Embedded Erase algorithm.
Refer to the AC Read Characteristics and Waveforms for the specific timing parameters.
Auto-select Command
Flash memories are intended for use in applications where the local CPU can alter memory contents.
As such, manufacture and device codes must be accessible while the device resides in the target
system. PROM programmers typically access the signature codes by raising A9 to a high voltage.
However, multiplexing high voltage onto the address lines is not generally a desirable system design
practice.
The device contains an auto-select command operation to supplement traditional PROM programming
methodology. The operation is initiated by writing the auto-select command sequence into the
command register. Following the command write, a read cycle from address XX00H retrieves the
manufacture code of DAH. A read cycle from address XX01H returns the device code (W39L020 =
B5hex).
To terminate the operation, it is necessary to write the auto-select exit command sequence into the
register.
Byte Program Command
The device is programmed on a byte-by-byte basis. Programming is a four-bus-cycle operation. The
program command sequence is initiated by writing two "unlock" write cycles, followed by the program
set-up command. The program address and data are written next, which in turn initiate the Embedded
program algorithm. Addresses are latched on the falling edge of #CE or #WE, whichever happens
later and the data is latched on the rising edge of #CE or #WE, whichever happens first. The rising
edge of #CE or #WE (whichever happens first) begins programming using the Embedded Program


Similar Part No. - W39L020Q-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L020Q-90 WINBOND-W39L020Q-90 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L020Q-90B WINBOND-W39L020Q-90B Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
More results

Similar Description - W39L020Q-90

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F020SU-L SHARP-LH28F020SU-L Datasheet
245Kb / 31P
   2M (256K 횞 8) Flash Memory
LH28F020SU-N SHARP-LH28F020SU-N Datasheet
241Kb / 31P
   2M (256K 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-NC SHARP-LH28F400SU-NC Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com