Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39L020T-70B Datasheet(PDF) 6 Page - Winbond

Part # W39L020T-70B
Description  256K 횞 8 CMOS FLASH MEMORY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39L020T-70B Datasheet(HTML) 6 Page - Winbond

Back Button W39L020T-70B Datasheet HTML 2Page - Winbond W39L020T-70B Datasheet HTML 3Page - Winbond W39L020T-70B Datasheet HTML 4Page - Winbond W39L020T-70B Datasheet HTML 5Page - Winbond W39L020T-70B Datasheet HTML 6Page - Winbond W39L020T-70B Datasheet HTML 7Page - Winbond W39L020T-70B Datasheet HTML 8Page - Winbond W39L020T-70B Datasheet HTML 9Page - Winbond W39L020T-70B Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
W39L020
- 6 -
Algorithm. Upon executing the algorithm, the system is not required to provide further controls or
timings. The device will automatically provide adequate internally generated program pulses and verify
the programmed cell margin.
The automatic programming operation is completed when the data on DQ7 (also used as Data
Polling) is equivalent to the data written to this bit at which time the device returns to the read mode
and addresses are no longer latched (see "Hardware Sequence Flags"). Therefore, the device
requires that a valid address to the device be supplied by the system at this particular instance of time
for Data Polling operations. Data Polling must be performed at the memory location which is being
programmed.
Any commands written to the chip during the Embedded Program Algorithm will be ignored. If a
hardware reset occurs during the programming operation, the data at that particular location will be
corrupted.
Programming is allowed in any sequence and across sector boundaries. Beware that a data "0"
cannot be programmed back to a "1". Attempting to program 0 back to 1, the toggle bit will stop
toggling. Only erase operations can convert "0"s to "1"s.
Refer to the Programming Command Flow Chart using typical command strings and bus operations.
Chip Erase Command
Chip erase is a six-bus-cycle operation. There are two "unlock" write cycles, followed by writing the
"set-up" command. Two more "unlock" write cycles are asserted, followed by the chip erase
command.
Chip erase does not require the user to program the device prior to erase. Upon executing the
Embedded Erase Algorithm command sequence the device will automatically erase and verify the
entire memory for an all one data pattern. The erase is performed sequentially on each sectors at the
same time (see "Feature"). The system is not required to provide any controls or timings during these
operations.
The automatic erase begins on the rising edge of the last #WE pulse in the command sequence and
terminates when the data on DQ7 is "1" at which time the device returns to read the mode.
Refer to the Erase Command Flow Chart using typical command strings and bus operations.
Sector/Page Erase Command
Sector/page erase is a six bus cycles operation. There are two "unlock" write cycles, followed by
writing the "set-up" command. Two more "unlock" write cycles then follows by the sector erase
command. The sector/page address (any address location within the desired sector/page) is latched
on the falling edge of #WE, while the command (30H/50H) is latched on the rising edge of #WE.
Sector/page erase does not require the user to program the device prior to erase. When erasing a
sector/page or sectors/pages the remaining unselected sectors/pages are not affected. The system is
not required to provide any controls or timings during these operations.
The automatic sector/page erase begins after the erase command is completed, right from the rising
edge of the #WE pulse for the last sector/page erase command pulse and terminates when the data
on DQ7, Data Polling, is "1" at which time the device returns to the read mode. Data Polling must be
performed at an address within any of the sectors/pages being erased.
Refer to the Erase Command flow Chart using typical command strings and bus operations.


Similar Part No. - W39L020T-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L020T-70B WINBOND-W39L020T-70B Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
More results

Similar Description - W39L020T-70B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F020SU-L SHARP-LH28F020SU-L Datasheet
245Kb / 31P
   2M (256K 횞 8) Flash Memory
LH28F020SU-N SHARP-LH28F020SU-N Datasheet
241Kb / 31P
   2M (256K 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-NC SHARP-LH28F400SU-NC Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com