Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39L020Q-70B Datasheet(PDF) 4 Page - Winbond

Part # W39L020Q-70B
Description  256K 횞 8 CMOS FLASH MEMORY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39L020Q-70B Datasheet(HTML) 4 Page - Winbond

  W39L020Q-70B Datasheet HTML 1Page - Winbond W39L020Q-70B Datasheet HTML 2Page - Winbond W39L020Q-70B Datasheet HTML 3Page - Winbond W39L020Q-70B Datasheet HTML 4Page - Winbond W39L020Q-70B Datasheet HTML 5Page - Winbond W39L020Q-70B Datasheet HTML 6Page - Winbond W39L020Q-70B Datasheet HTML 7Page - Winbond W39L020Q-70B Datasheet HTML 8Page - Winbond W39L020Q-70B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
W39L020
- 4 -
The manufacturer and device codes may also be read via the command register, for instance, when
the W39L020 is erased or programmed in a system without access to high voltage on the A9 pin. The
command sequence is illustrated in "Auto-select Codes".
Byte 0 (A0 = VIL) represents the manufacturer
′s code (Winbond = DAH) and byte 1 (A0 = VIH) the
device identifier code (W39L020 = B5hex). All identifiers for manufacturer and device will exhibit odd
parity with DQ7 defined as the parity bit. In order to read the proper device codes when executing the
Auto-select, A1 must be low state.
Data Protection
The W39L020 is designed to offer protection against accidental erasure or programming caused by
spurious system level signals that may exist during power transitions. During power up the device
automatically resets the internal state machine in the Read mode. Also, with its control register
architecture, alteration of the memory contents only occurs after successful completion of specific
multi-bus cycle command sequences. The device also incorporates several features to prevent
inadvertent write cycles resulting from VDD power-up and power-down transitions or system noise.
Boot Block Operation
There are four alternatives to set the boot block. Either 16K-byte or 64K-byte in the top/bottom
location of this device can be locked as boot block, which can be used to store boot codes. It is
located in the last 16K/64K bytes or first 16K/64K bytes of the memory with the address range from
3C000/30000(hex) to 3FFFF(hex) for top location or 00000(hex) to 03FFF/0FFFF(hex) for bottom
location.
See Command Codes for Boot Block Lockout Enable for the specific code. Once this feature is set the
data for the designated block cannot be erased or programmed (programming lockout), other memory
locations can be changed by the regular programming method.
In order to detect whether the boot block feature is set on the first/last 16K/64K-bytes block or not,
users can perform software command sequence: enter the product identification mode (see
Command Codes for Identification/Boot Block Lockout Detection for specific code), and then read
from address 0002(hex) for first(bottom) location or 3FFF2(hex) for last(top) location.
If the
DQ0/DQ1 of output data is "1," the 64Kbytes/16Kbytes boot block programming lockout feature will be
activated; if the DQ0/DQ1 of output data is "0," the lockout feature will be inactivated and the block
can be erased/programmed.
To return to normal operation, perform a three-byte command sequence (or an alternate single-byte
command) to exit the identification mode. For the specific code, see Command Codes for
Identification/Boot Block Lockout Detection.
Low VDD Inhibit
To avoid initiation of a write cycle during VDD power-up and power-down, the W39L020 locks out
when VDD < 2.0V (see DC Characteristics section for voltages). The write and read operations are
inhibited when VDD is less than 2.0V typical. The W39L020 ignores all write and read operations until
VDD > 2,0V. The user must ensure that the control pins are in the correct logic state when VDD > 2.0V
to prevent unintentional writes.
Write Pulse "Glitch" Protection
Noise pulses of less than 10 nS (typical) on #OE, #CE, or #WE will not initiate a write cycle.


Similar Part No. - W39L020Q-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L020Q-70B WINBOND-W39L020Q-70B Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
More results

Similar Description - W39L020Q-70B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F020SU-L SHARP-LH28F020SU-L Datasheet
245Kb / 31P
   2M (256K 횞 8) Flash Memory
LH28F020SU-N SHARP-LH28F020SU-N Datasheet
241Kb / 31P
   2M (256K 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-NC SHARP-LH28F400SU-NC Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com