Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3412.0113.24 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3412.0113.24
Description  Non resettable fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3412.0113.24 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3412.0113.24 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3412.0113.24 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.schurter.com
Surface
Mount Fuses
Type USF 0603
super-quick-acting FF
directly solderable on
printed circuit boards
1:1
Pre-arcing time/current
characteristic (at Ta 23 °C)
Approvals
*Free of CCC (DFC)
Standards
UL 248-14
CSA 248-14
Recommended land
pattern for reflow sol-
der
1 · In
2 · In
min.
max.
500 mA – 5 A
4 h
60 s
Rated
current I
n
n · In
All measurements are carried out on a test board referring to IEC 60127-4 with 5 mm track.
Current in Ampères
Typical time/current characteristic curves at 23°C
Order No
Rated
Marking
Rated
Breaking
Voltage drop
Cold
Pre-arcing
Approvals
current I
n
voltage Un
capacity
at I
n
resistance
I2t at 8xI
n
Un
typ.
max.
typ.
typ.
VAC / VDC
mV
mV
mOhm
A2s
3412.0113.XX
500 mA
F
32 / 32
101
120
157
0.02
●●
3412.0114.XX
750 mA
G
32 / 32
100
120
90
0.04
●●
3412.0115.XX
1 A
H
32 / 32
98
120
75
0.06
●●
3412.0117.XX
1.5 A
K
32 / 32
73
120
44
0.14
●●
3412.0119.XX
2 A
N
32 / 32
70
120
27.5
0.25
●●
3412.0120.XX
2.5 A
O
32 / 32
75
120
23.5
0.40
●●
3412.0121.XX
3 A
P
32 / 32
80
120
18.6
0.58
●●
3412.0122.XX
3.5 A
R
32 / 32
85
120
16
0.80
●●
3412.0123.XX
4 A
S
32 / 32
80
120
12.5
1.10
●●
3412.0124.XX
5 A
T
32 / 32
70
120
10
1.50
●●
50 A/32 VAC
at power
factor > 0.95
50 A/32 VDC
.XX Packaging index
lead-free
FUSES / SICHERUNGEN
USF 0603
Non resettable fuses


Similar Part No. - 3412.0113.24

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3412.0113.24 SCHURTER-3412.0113.24 Datasheet
256Kb / 3P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
More results

Similar Description - 3412.0113.24

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.3110 SCHURTER-0034.3110 Datasheet
169Kb / 2P
   Non resettable fuses
0034.3973 SCHURTER-0034.3973 Datasheet
83Kb / 1P
   Non resettable fuses
FSQ5X20 SCHURTER-FSQ5X20 Datasheet
88Kb / 1P
   Non resettable fuses
FSD SCHURTER-FSD Datasheet
83Kb / 1P
   Non resettable fuses
172581 SCHURTER-172581 Datasheet
105Kb / 3P
   NON RESETTABLE FUSES
logo
List of Unclassifed Man...
PFRA ETC1-PFRA Datasheet
141Kb / 5P
   RESETTABLE FUSES
logo
Littelfuse
HVR600 LITTELFUSE-HVR600 Datasheet
95Kb / 2P
   RESETTABLE FUSES
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com