Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2010W8J012JC3E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2010W8J012JC3E
Description  Thick Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2010W8J012JC3E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2010W8J012JC3E Datasheet HTML 1Page - List of Unclassifed Manufacturers 2010W8J012JC3E Datasheet HTML 2Page - List of Unclassifed Manufacturers 2010W8J012JC3E Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RoHS Compliant
Type
0402
0603
0805
1206
1210
2010
2512
Max. working Voltage
50V
50V
150V
200V
200V
200V
200V
Max. Overload Voltage
100V
100V
300V
400V
400V
400V
400V
Dielectric withstanding Voltage
100V
300V
500V
500V
500V
500V
500V
Operating Temperature
-55~+125°C
-55~+125°C
-55~+125°C
-55~+125°C
-55~+125°C
-55~+125°C
-55~+125°C
Type
0402
0603
0805
1206
1210
2010
2512
Power Rating at 70°C
1/16W
1/16W
(1/10W-S)
1/10W
(1/8W-S)
1/8W
(1/4W-S)
1/4W
(1/3W-S)
1/2W
(3/4W-S)
1W
L (mm)
1.00 ± 0.10
1.60 ± 0.10
2.00 ± 0.15
3.10 ± 0.15
3.10 ± 0.10
5.00 ± 0.10
6.35 ± 0.10
W (mm)
0.50 ± 0.05
0.80
+0.15
-0.10
1.25
+0.15
-0.10
1.55
+0.15
-0.10
2.60
+0.15
-0.10
2.50
+0.15
-0.10
3.20
+0.15
-0.10
Dimension
H (mm)
0.35 ± 0.05
0.45 ± 0.10
0.55 ± 0.10
0.55 ± 0.10
0.55 ± 0.10
0.55 ± 0.10
0.55 ± 0.10
A (mm)
0.20 ± 0.10
0.30 ± 0.20
0.40 ± 0.20
0.45 ± 0.20
0.50 ± 0.25
0.60 ± 0.25
0.60 ± 0.25
B (mm)
0.25 ± 0.10
0.30 ± 0.20
0.40 ± 0.20
0.45 ± 0.20
0.50 ± 0.20
0.50 ± 0.20
0.50 ± 0.20
Resistance Value of Jumper
Jumper Rated Current
1A
1A
2A
2A
2A
2A
2A
Resistance Range of 0.5% (E-96)
Resistance Range of 1% (E-96)
Resistance Range of 2% (E-24)
Resistance Range of 5% (E-24)
• Small size and light weight
• Reduction of assembly costs and matching with placement machines
• Suitable for both flow & re-flow soldering
Feature
Figures
Derating Curve & Specification
Ambient temperature (°C)
Thick Film Chip Resistors
2
UniOhm


Similar Part No. - 2010W8J012JC3E

ManufacturerPart #DatasheetDescription
logo
GHz Technology
2010 GHZTECH-2010 Datasheet
277Kb / 3P
   10 Watt - 28 Volts, Class C Microwave 2000 MHz
logo
Tyco Electronics
2010 MACOM-2010 Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
M/A-COM Technology Solu...
2010 MA-COM-2010 Datasheet
131Kb / 3P
   Type CRG Series
logo
Heyco.
2010 HEYCO-2010 Datasheet
133Kb / 1P
   Snap Bushings
logo
List of Unclassifed Man...
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
More results

Similar Description - 2010W8J012JC3E

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com