Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6416RTWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6416RTWR
Description  LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6416RTWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCA6416RTWR Datasheet HTML 5Page - Texas Instruments TCA6416RTWR Datasheet HTML 6Page - Texas Instruments TCA6416RTWR Datasheet HTML 7Page - Texas Instruments TCA6416RTWR Datasheet HTML 8Page - Texas Instruments TCA6416RTWR Datasheet HTML 9Page - Texas Instruments TCA6416RTWR Datasheet HTML 10Page - Texas Instruments TCA6416RTWR Datasheet HTML 11Page - Texas Instruments TCA6416RTWR Datasheet HTML 12Page - Texas Instruments TCA6416RTWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.ti.com
Register Descriptions
Power-On Reset
TCA6416
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS153 – DECEMBER 2007
The Input Port registers (registers 0 and 1) reflect the incoming logic levels of the pins, regardless of whether the
pin is defined as an input or an output by the Configuration register. They act only on read operation. Writes to
these registers have no effect. The default value (X) is determined by the externally applied logic level. Before a
read operation, a write transmission is sent with the command byte to indicate to the I2C device that the Input
Port register will be accessed next.
Registers 0 and 1 (Input Port Registers)
BIT
I-07
I-06
I-05
I-04
I-03
I-02
I-01
I-00
DEFAULT
X
X
X
X
X
X
X
X
BIT
I-17
I-16
I-15
I-14
I-13
I-12
I-11
I-10
DEFAULT
X
X
X
X
X
X
X
X
The Output Port registers (registers 2 and 3) shows\ the outgoing logic levels of the pins defined as outputs by
the Configuration register. Bit values in these registers have no effect on pins defined as inputs. In turn, reads
from these registers reflect the value that is in the flip-flop controlling the output selection, NOT the actual pin
value.
Registers 2 and 3 (Output Port Registers)
BIT
O-07
O-06
O-05
O-04
O-03
O-02
O-01
O-00
DEFAULT
1
1
1
1
1
1
1
1
BIT
O-17
O-16
O-15
O-14
O-13
O-12
O-11
O-10
DEFAULT
1
1
1
1
1
1
1
1
The Polarity Inversion registers (register 4 and 5) allow polarity inversion of pins defined as inputs by the
Configuration register. If a bit in these registers is set (written with 1), the corresponding port pin's polarity is
inverted. If a bit in these registers is cleared (written with a 0), the corresponding port pin's original polarity is
retained.
Registers 4 and 5 (Polarity Inversion Registers)
BIT
P-07
P-06
P-05
P-04
P-03
P-02
P-01
P-00
DEFAULT
0
0
0
0
0
0
0
0
BIT
P-17
P-16
P-15
P-14
P-13
P-12
P-11
P-10
DEFAULT
0
0
0
0
0
0
0
0
The Configuration registers (registers 6 and 7) configure the direction of the I/O pins. If a bit in these registers is
set to 1, the corresponding port pin is enabled as an input with a high-impedance output driver. If a bit in these
registers is cleared to 0, the corresponding port pin is enabled as an output.
Registers 6 and 7 (Configuration Registers)
BIT
C-07
C-06
C-05
C-04
C-03
C-02
C-01
C-00
DEFAULT
1
1
1
1
1
1
1
1
BIT
C-17
C-16
C-15
C-14
C-13
C-12
C-11
C-10
DEFAULT
1
1
1
1
1
1
1
1
When power (from 0 V) is applied to VCCP, an internal power-on reset holds the TCA6416 in a reset condition
until VCCP has reached VPOR. At that time, the reset condition is released, and the TCA6416 registers and
I2C/SMBus state machine initializes to their default states. After that, VCCP must be lowered to below 0.2 V and
back up to the operating voltage for a power-reset cycle.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TCA6416


Similar Part No. - TCA6416RTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416RTWR TI-TCA6416RTWR Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - TCA6416RTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424_10 Datasheet
507Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com