Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO0631T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VO0631T
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO0631T Datasheet(HTML) 3 Page - Vishay Siliconix

  VO0631T Datasheet HTML 1Page - Vishay Siliconix VO0631T Datasheet HTML 2Page - Vishay Siliconix VO0631T Datasheet HTML 3Page - Vishay Siliconix VO0631T Datasheet HTML 4Page - Vishay Siliconix VO0631T Datasheet HTML 5Page - Vishay Siliconix VO0631T Datasheet HTML 6Page - Vishay Siliconix VO0631T Datasheet HTML 7Page - Vishay Siliconix VO0631T Datasheet HTML 8Page - Vishay Siliconix VO0631T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 84607
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 14-Mar-08
909
VO0600T/VO0601T/VO0611T/VO0630T/VO0631T/VO0661T
High Speed Optocoupler,
10 MBd, SOIC-8 Package
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Note
Over recommended temperature (TA = - 40 °C to + 100 °C), VCC = 5 V, IF = 7.5 mA unless otherwise specified.
All typicals at TA = 25 °C, VCC = 5 V.
Fig. 1 - Single Channel Test Circuit for tPLH, tPHL, tr and tf
OUTPUT
High level supply current (single channel)
VE = 0.5 V, IF = 0 mA
ICCH
4.1
7.0
mA
VE = VCC, IF = 0 mA
ICCH
3.3
6.0
mA
High level supply current (dual channel)
IF = 10 mA
ICCH
6.5
12.0
mA
Low level supply current (single channel)
VE = 0.5 V, IF = 10 mA
ICCL
4.0
7.0
mA
VE = VCC, IF = 10 mA
ICCL
3.3
6.0
mA
Low level supply current (dual channel)
IF = 10 mA
ICCL
6.5
12.0
mA
High level output current
VE = 2.0 V, VO = 5.5 V,
IF = 250 µA
IOH
0.002
1
µA
Low level output voltage
VE = 2.0 V, IF = 5 mA,
IOL (sinking) = 13 mA
VOL
0.2
0.6
V
Input threshold current
VE = 2.0 V, VO = 5.5 V,
IOL (sinking) = 13 mA
ITH
2.4
5.0
mA
High level enable current
IEH
- 0.6
- 1.6
mA
Low level enable current
IEL
- 0.8
- 1.6
mA
High level enable voltage
VEH
2.0
V
Low level enable voltage
VEL
0.8
V
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Propagation delay time to high
output level
RL = 350 Ω, CL = 15 pF
tPLH
20
48
100
ns
Propagation delay time to low
output level
RL = 350 Ω, CL = 15 pF
tPHL
25
50
100
ns
Pulse width distortion
RL = 350 Ω, CL = 15 pF
|tPHL - tPLH|
2.9
35
ns
Propagation delay skew
RL = 350 Ω, CL = 15 pF
tPSK
840
ns
Output rise time (10 to 90 %)
RL = 350 Ω, CL = 15 pF
tr
23
ns
Output fall time (90 to 10 %)
RL = 350 Ω, CL = 15 pF
tf
7ns
Propagation delay time of
enable from VEH to VEL
RL = 350 Ω, CL = 15 pF,
VEL = 0 V, VEH = 3 V
tELH
12
ns
Propagation delay time of
enable from VEL to VEH
RL = 350 Ω, CL = 15 pF,
VEL = 0 V, VEH = 3 V
tEHL
11
ns
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
1
2
3
4
8
7
6
5
18964-2
The Probe and Jig Capacitances are included in C
Input IF
Output VO
IF
0 mA
VOL
1.5 V
t
PHL
t
PLH
VOH
C = 15 pF
GND
0.1 µF
Bypass
VCC
VOUT
VCC
IF
R
R
L
InputIF
Monitoring
Node
Output VO
Monitoring
Node
L
Single Channel
Pulse Gen.
Z = 50
Ω
t= t = 5 ns
o
f
r
M
L
= 7.5 mA
IF = 3.75 mA
VE


Similar Part No. - VO0631T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO0631T VISHAY-VO0631T Datasheet
150Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.7, 06-Oct-08
VO0631T VISHAY-VO0631T Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VO0631T VISHAY-VO0631T Datasheet
153Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
More results

Similar Description - VO0631T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.0, 26-Jun-06
SFH6745T VISHAY-SFH6745T Datasheet
266Kb / 11P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.3, 24-Nov-04
SFH6757 VISHAY-SFH6757_V01 Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_1 Datasheet
150Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.7, 06-Oct-08
VO0661T VISHAY-VO0661T_V01 Datasheet
153Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
SFH6747 VISHAY-SFH6747 Datasheet
165Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.1, 26-Aug-13
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.5, 19-Apr-07
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.3, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com