Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO0631T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VO0631T
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO0631T Datasheet(HTML) 4 Page - Vishay Siliconix

  VO0631T Datasheet HTML 1Page - Vishay Siliconix VO0631T Datasheet HTML 2Page - Vishay Siliconix VO0631T Datasheet HTML 3Page - Vishay Siliconix VO0631T Datasheet HTML 4Page - Vishay Siliconix VO0631T Datasheet HTML 5Page - Vishay Siliconix VO0631T Datasheet HTML 6Page - Vishay Siliconix VO0631T Datasheet HTML 7Page - Vishay Siliconix VO0631T Datasheet HTML 8Page - Vishay Siliconix VO0631T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 84607
910
Rev. 1.6, 14-Mar-08
VO0600T/VO0601T/VO0611T/VO0630T/VO0631T/VO0661T
Vishay Semiconductors
High Speed Optocoupler,
10 MBd, SOIC-8 Package
Fig. 2 - Dual Channel Test Circuit for tPLH, tPHL, tr and tf
Fig. 3 - Single Channel Test Circuit for tEHL, tELH
Notes
(1) For VO0600T and VO0630T
(2) For VO0601T and VO0631T
(3) For VO0611T and VO0661T
COMMON MODE TRANSIENT IMMUNITY
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Common mode transient immunity
(high)
|VCM| = 10 V, VCC = 5 V, IF = 0 mA,
VO(min) = 2 V, RL = 350 Ω, Tamb = 25 °C(1)
|CMH|
100
V/µs
|VCM| = 50 V, VCC = 5 V, IF = 0 mA,
VO(min) = 2 V, RL = 350 Ω, Tamb = 25 °C(2)
|CMH|
5000
10000
V/µs
|VCM| = 1 kV, VCC = 5 V, IF = 0 mA,
VO(min) = 2 V, RL = 350 Ω, Tamb = 25 °C(3)
|CMH|
15000
25000
V/µs
Common mode transient immunity
(low)
|VCM| = 10 V, VCC = 5 V, IF = 7.5 mA,
VO(max) = 0.8 V, RL = 350 Ω, Tamb = 25 °C(1)
|CML|
100
V/µs
|VCM| = 50 V, VCC = 5 V, IF = 7.5 mA,
VO(max) = 0.8 V, RL = 350 Ω, Tamb = 25 °C(2)
|CML|
5000
10000
V/µs
|VCM| = 1 kV, VCC = 5 V, IF = 7.5 mA,
VO(max) = 0.8 V, RL = 350 Ω, Tamb = 25 °C(3)
|CML|
15000
25000
V/µs
1
2
3
4
Pulse Gen.
Z = 50
Ω
t= t = 5 ns
o
f
r
Input
Monitoring
Node
Output V
Monitoring
Node
O
I
F
R
M
RL
C
L
= 15 PF
0.1 µF
Bypass
18963-3
VCC
8
7
6
5
1
2
3
4
8
7
6
5
18975-2
The Probe and Jig Capacitances are included in C
Input VE
Output VO
tEHL
tELH
C = 15 pF
GND
0.1 µF
Bypass
VCC
VOUT
VCC
IF
RL
Output VO
Monitoring
Node
L
Single Channel
Pulse Gen.
Z = 50
Ω
t= t = 5 ns
o
f
r
L
7.5 mA
Input V
Monitoring Node
E
3 V
1.5 V
1.5 V
VE


Similar Part No. - VO0631T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO0631T VISHAY-VO0631T Datasheet
150Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.7, 06-Oct-08
VO0631T VISHAY-VO0631T Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VO0631T VISHAY-VO0631T Datasheet
153Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
More results

Similar Description - VO0631T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.0, 26-Jun-06
SFH6745T VISHAY-SFH6745T Datasheet
266Kb / 11P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.3, 24-Nov-04
SFH6757 VISHAY-SFH6757_V01 Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_1 Datasheet
150Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.7, 06-Oct-08
VO0661T VISHAY-VO0661T_V01 Datasheet
153Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
SFH6747 VISHAY-SFH6747 Datasheet
165Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.1, 26-Aug-13
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.5, 19-Apr-07
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.3, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com