Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E109565 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # E109565
Description  Interference suppression film capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E109565 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button E109565 Datasheet HTML 4Page - List of Unclassifed Manufacturers E109565 Datasheet HTML 5Page - List of Unclassifed Manufacturers E109565 Datasheet HTML 6Page - List of Unclassifed Manufacturers E109565 Datasheet HTML 7Page - List of Unclassifed Manufacturers E109565 Datasheet HTML 8Page - List of Unclassifed Manufacturers E109565 Datasheet HTML 9Page - List of Unclassifed Manufacturers E109565 Datasheet HTML 10Page - List of Unclassifed Manufacturers E109565 Datasheet HTML 11Page - List of Unclassifed Manufacturers E109565 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
2000 Feb 08
8
BCcomponents
Product specification
Interference suppression film capacitors
MKP 336 1
URac
= 275 V (X1); URdc = 630 V
Note
1.
The shading indicates preferred types.
C
(
µF)
DIMENSIONS
b
× h × l
(mm)
MASS
(g)
CATALOGUE NUMBER
LOOSE IN BOX
lt
= 3.5 ±0.3 mm
lt
= 25.0 ±2.0 mm
C-tol
= ±20%
catalogue number(1)
last 5 digits(1)
Pitch
= 22.5 ±0.4 mm; dt = 0.80 ±0.08 mm
0.1
7.0
× 16.5 × 26.0
3.2
2222 336 19003
.. 19008
0.15
8.5
× 18.0 × 26.0
4.4
2222 336 10154
.. 16154
0.22
10.0
× 19.5 × 26.0
5.5
2222 336 10224
.. 16224
Pitch
= 27.5 ±0.4 mm; dt = 0.80 ±0.08 mm
0.22
11.0
× 21.0 × 31.0
7.8
2222 336 19005
.. 19009
0.33
13.0
× 23.0 × 31.0
10.4
2222 336 10334
.. 16334
0.47
15.0
× 25.0 × 31.0
12.8
2222 336 10474
.. 16474
0.68
18.0
× 28.0 × 31.0
17.2
2222 336 10684
.. 16684
121.0
× 31.0 × 31.0
20.4
2222 336 10105
.. 16105


Similar Part No. - E109565

ManufacturerPart #DatasheetDescription
logo
Powerbox
E10 POWERBOX-E10 Datasheet
306Kb / 1P
   1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
E10 XPPOWER-E10 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
PANDUIT CORP.
E10-10FB-Q PANDUIT-E10-10FB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
E10-10LFB-Q PANDUIT-E10-10LFB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
E10-10RB-Q PANDUIT-E10-10RB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
More results

Similar Description - E109565

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
MKP3382 ETC2-MKP3382 Datasheet
456Kb / 17P
   Interference suppression film capacitors
MKP3384X2 ETC2-MKP3384X2 Datasheet
437Kb / 17P
   Interference suppression film capacitors
logo
Vishay Siliconix
F339X1330VAC VISHAY-F339X1330VAC Datasheet
158Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
Revision: 30-Jun-15
F1772SX2 VISHAY-F1772SX2 Datasheet
147Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKT - 310 VAC - Series Impedance - 85 °C / 85 % RH
Revision: 26-Feb-18
F339X1480VAC VISHAY-F339X1480VAC Datasheet
168Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 480 VAC - 3-Phase Across the Line
Revision: 18-Jan-17
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com