Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15022 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX15022
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15022 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX15022 Datasheet HTML 2Page - Maxim Integrated Products MAX15022 Datasheet HTML 3Page - Maxim Integrated Products MAX15022 Datasheet HTML 4Page - Maxim Integrated Products MAX15022 Datasheet HTML 5Page - Maxim Integrated Products MAX15022 Datasheet HTML 6Page - Maxim Integrated Products MAX15022 Datasheet HTML 7Page - Maxim Integrated Products MAX15022 Datasheet HTML 8Page - Maxim Integrated Products MAX15022 Datasheet HTML 9Page - Maxim Integrated Products MAX15022 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Dual LDO Controllers
6
_______________________________________________________________________________________
QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
2.75
3.00
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
2.50
-40
125
NO SWITCHING
SWITCHING CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
14
13
15
16
17
18
19
20
21
22
23
24
25
26
27
12
-40
125
REGULATOR 1 ENABLED
VOUT1 = 3.3V
REGULATOR 2 ENABLED
VOUT2 = 1.5V
NORMALIZED UNDERVOLTAGE LOCKOUT
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
0.975
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
1.025
1.030
0.970
-40
125
VUVLO (NOM) = 2.2V
COINCIDENT TRACKING SOFT-START
MAX15022 toc13
VAVIN
5V/div
VOUT1
1V/div
VOUT2
1V/div
0V
0V
1ms/div
COINCIDENT TRACKING SOFT-STOP
MAX15022 toc14
VAVIN
5V/div
1V/div
0V
0V
400
μs/div
VOUT2
EN1
VOUT1
Typical Operating Characteristics (continued)
(VAVIN = VDVDD1 = VDVDD2 = VPVIN1 = VPVIN2 = 5V, VOUT1 = 3.3V, VOUT2 = 1.5V, VPGND_ = 0V, RT = 16.5kΩ. TA = +25°C, unless
otherwise noted.)
EN_ THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
-25 -10 5
35 50 65
20
80
-40
125
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.210


Similar Part No. - MAX15022

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022 Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX15022 MAXIM-MAX15022 Datasheet
251Kb / 10P
   Independent Enable Inputs for All Outputs
Rev 0; 5/08
MAX15022ATI++ MAXIM-MAX15022ATI+ Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX15022ATI/V++ MAXIM-MAX15022ATI/V+ Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX15022EVKIT MAXIM-MAX15022EVKIT Datasheet
251Kb / 10P
   Independent Enable Inputs for All Outputs
Rev 0; 5/08
More results

Similar Description - MAX15022

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022_11 Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
MAX15021 MAXIM-MAX15021 Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
Rev 1; 8/12
MAX15021 MAXIM-MAX15021_V01 Datasheet
354Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
logo
Linear Technology
LTC3417 LINER-LTC3417 Datasheet
350Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTC3417A LINER-LTC3417A_15 Datasheet
321Kb / 22P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417 LINER-LTC3417_15 Datasheet
381Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
LTC3417A-2 LINER-LTC3417A-2_15 Datasheet
342Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A LINER-LTC3417A Datasheet
1Mb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com