Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16054AZTT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16054AZTT
Description  On/Off Controller with Debounce and ±15kV ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16054AZTT Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX16054AZTT Datasheet HTML 1Page - Maxim Integrated Products MAX16054AZTT Datasheet HTML 2Page - Maxim Integrated Products MAX16054AZTT Datasheet HTML 3Page - Maxim Integrated Products MAX16054AZTT Datasheet HTML 4Page - Maxim Integrated Products MAX16054AZTT Datasheet HTML 5Page - Maxim Integrated Products MAX16054AZTT Datasheet HTML 6Page - Maxim Integrated Products MAX16054AZTT Datasheet HTML 7Page - Maxim Integrated Products MAX16054AZTT Datasheet HTML 8Page - Maxim Integrated Products MAX16054AZTT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
On/Off Controller with Debounce and
±15kV ESD Protection
_______________________________________________________________________________________
7
Typical Operating Circuits (continued)
MAX16054
OUT
3V
μP
OUT
IN
CLEAR
GND
ON/OFF WITH p-CHANNEL MOSFET
VCC
MAX16054
OUT
OUT
IN
CLEAR
GND
PUSH EITHER BUTTON
VCC
3.3V
MAX16054
OUT
OUT
IN
CLEAR
GND
DIGITAL PUSHBUTTON WITH LED (DEFAULT = OFF)
VCC
3.3V
MAX16054
OUT
OUT
IN
CLEAR
GND
PUSH BOTH BUTTONS
VCC
3.3V


Similar Part No. - MAX16054AZTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1605 MAXIM-MAX1605 Datasheet
347Kb / 12P
   30V Internal Switch LCD Bias Supply
19-1666; Rev 1; 10/03
MAX16050 MAXIM-MAX16050 Datasheet
308Kb / 22P
   Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
Rev 0; 11/07
MAX16050 MAXIM-MAX16050 Datasheet
536Kb / 13P
   Reverse-Sequencing Operation
Rev 0; 7/08
MAX16050ETI++ MAXIM-MAX16050ETI+ Datasheet
308Kb / 22P
   Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
Rev 0; 11/07
MAX16050ETI++ MAXIM-MAX16050ETI+ Datasheet
238Kb / 21P
   Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
19-1013; Rev 1; 7/08
More results

Similar Description - MAX16054AZTT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
logo
Unisonic Technologies
URCZ1284-XX UTC-URCZ1284-XX Datasheet
231Kb / 6P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15KV ESD PROTECTION
logo
Exar Corporation
SP3203EEY-L EXAR-SP3203EEY-L Datasheet
649Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
SP3203ECY-L EXAR-SP3203ECY-L Datasheet
649Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
logo
Semtech Corporation
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
Maxim Integrated Produc...
MAX4987AE MAXIM-MAX4987AE Datasheet
195Kb / 10P
   Overvoltage-Protection Controller with USB ESD Protection
Rev 0; 11/07
logo
Semtech Corporation
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
Linear Technology
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
   Pushbutton On/Off Controller with Automatic Turn-On
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com