Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83619 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 83619
Description  Interference suppression film capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

83619 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  83619 Datasheet HTML 1Page - List of Unclassifed Manufacturers 83619 Datasheet HTML 2Page - List of Unclassifed Manufacturers 83619 Datasheet HTML 3Page - List of Unclassifed Manufacturers 83619 Datasheet HTML 4Page - List of Unclassifed Manufacturers 83619 Datasheet HTML 5Page - List of Unclassifed Manufacturers 83619 Datasheet HTML 6Page - List of Unclassifed Manufacturers 83619 Datasheet HTML 7Page - List of Unclassifed Manufacturers 83619 Datasheet HTML 8Page - List of Unclassifed Manufacturers 83619 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2000 Feb 08
4
BCcomponents
Product specification
Interference suppression film capacitors
MKP 336 1
COMPOSITION OF CATALOGUE NUMBER
TYPE
PACKAGING(1)
LEAD CONFIGURATION
C-TOL
PREFERRED TYPES
336 1
X1
loose in box
lead length 3.5 mm
±20%
2222 336 10...
lead length 25.0 mm
2222 336 16...
ON REQUEST
336 1
X1
loose in box
lead length 3.5 mm
±10%
2222 336 11...
lead length 25.0 mm
2222 336 17...
taped on reel
H
= 18.5 mm; note 2
±20%
2222 336 13...
±10%
2222 336 14...
2222
336
1X XX X
TYPE AND PITCHES
336 1
X1
10.0 mm
15.0 mm
22.5 mm
27.5 mm
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically)
Example:
104
= 10 x 10 = 100 nF
Notes
1) For SPQ refer to this handbook, chapter “Packaging information”; taped on reel pitch
= 27.5 mm is not available.
2) H
= in-tape height; for detailed specifications refer to this handbook, chapter “Packaging information”.


Similar Part No. - 83619

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
83619-9003 MOLEX9-83619-9003 Datasheet
196Kb / 4P
   1.27mm (.050) Pitch Ulti-Mate??Commerical Micro D, Dual Stack, PCB Mount, Right Angle Plug, 18 Circuits
836199003 MOLEX9-836199003 Datasheet
196Kb / 4P
   1.27mm (.050) Pitch Ulti-Mate??Commerical Micro D, Dual Stack, PCB Mount, Right Angle Plug, 18 Circuits
More results

Similar Description - 83619

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
MKP3382 ETC2-MKP3382 Datasheet
456Kb / 17P
   Interference suppression film capacitors
MKP3384X2 ETC2-MKP3384X2 Datasheet
437Kb / 17P
   Interference suppression film capacitors
logo
Vishay Siliconix
F339X1330VAC VISHAY-F339X1330VAC Datasheet
158Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
Revision: 30-Jun-15
F1772SX2 VISHAY-F1772SX2 Datasheet
147Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKT - 310 VAC - Series Impedance - 85 °C / 85 % RH
Revision: 26-Feb-18
F339X1480VAC VISHAY-F339X1480VAC Datasheet
168Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 480 VAC - 3-Phase Across the Line
Revision: 18-Jan-17
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com