Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI3192-100LB272I Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # ISPLSI3192-100LB272I
Description  High Density Programmable Logic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI3192-100LB272I Datasheet(HTML) 3 Page - Lattice Semiconductor

  ISPLSI3192-100LB272I Datasheet HTML 1Page - Lattice Semiconductor ISPLSI3192-100LB272I Datasheet HTML 2Page - Lattice Semiconductor ISPLSI3192-100LB272I Datasheet HTML 3Page - Lattice Semiconductor ISPLSI3192-100LB272I Datasheet HTML 4Page - Lattice Semiconductor ISPLSI3192-100LB272I Datasheet HTML 5Page - Lattice Semiconductor ISPLSI3192-100LB272I Datasheet HTML 6Page - Lattice Semiconductor ISPLSI3192-100LB272I Datasheet HTML 7Page - Lattice Semiconductor ISPLSI3192-100LB272I Datasheet HTML 8Page - Lattice Semiconductor ISPLSI3192-100LB272I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Specifications ispLSI 3192
3
Description (Continued)
All local logic block outputs are brought back into the
GRP so they can be connected to the inputs of any other
logic block on the device. The device also has 192 I/O
cells, each of which is directly connected to an I/O pin.
Each I/O cell can be individually programmed to be a
combinatorial input, a registered input, a latched input, an
output or a bidirectional I/O pin with 3-state control. The
signal levels are TTL compatible voltages and the output
drivers can source 4 mA or sink 8 mA. Each output can
be programmed independently for fast or slow output
slew rate to minimize overall output switching noise.
The 192 I/O Cells are grouped into six sets of 32 bits.
Each of these I/O groups is associated with a logic
Megablock through the use of the ORP. Each Megablock
is able to provide one Product Term Output Enable
(PTOE) signal which is globally distributed to all I/O cells.
That PTOE signal can be generated within any GLB in the
Megablock. Each I/O cell can select either a Global OE
or a PTOE.
Four Twin GLBs, 32 I/O Cells and two ORPs are con-
nected together to make a logic
Megablock. The
Megablock is defined by the resources that it shares. The
outputs of the four Twin GLBs are connected to a set of
32 I/O cells by the two ORPs. The ispLSI 3192 device
contains six of these Megablocks.
The GRP has as its inputs the outputs from all of the Twin
GLBs and all of the inputs from the bidirectional I/O cells.
All of these signals are made available to the inputs of the
Twin GLBs. Delays through the GRP have been equal-
ized to minimize timing skew and logic glitching.
Clocks in the ispLSI 3192 device are provided through
five dedicated clock pins. The five pins provide three
clocks to the Twin GLBs and two clocks to the I/O cells.
The table below lists key attributes of the device along
with the number of resources available.
An additional feature of the ispLSI 3192 is the Boundary
Scan capability, which is composed of cells connected
between the on-chip system logic and the device's input
and output pins. All I/O pins have associated boundary
scan registers, with 3-state I/O using three boundary
scan registers and inputs using one.
The ispLSI 3192 supports all IEEE 1149.1 mandatory
instructions, which include BYPASS, EXTEST and
SAMPLE.
Key Attributes of the ispLSI 3192
e
t
u
b
i
r
t
t
Ay
t
i
t
n
a
u
Q
s
B
L
G
n
i
w
T
4
2
s
r
e
t
s
i
g
e
R
4
8
3
s
n
i
P
O
/
I
2
9
1
s
k
c
o
l
C
l
a
b
o
l
G
5
E
O
l
a
b
o
l
G
2
E
O
t
s
e
T
1
2
9
1
3
/
3
0
0
-
e
l
b
a
T


Similar Part No. - ISPLSI3192-100LB272I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI3256-50LG LATTICE-ISPLSI3256-50LG Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-50LM LATTICE-ISPLSI3256-50LM Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-70LG LATTICE-ISPLSI3256-70LG Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-70LM LATTICE-ISPLSI3256-70LM Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256A-50LM LATTICE-ISPLSI3256A-50LM Datasheet
163Kb / 13P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI3192-100LB272I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com