Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6733AUTD-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6733AUTD-T
Description  Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6733AUTD-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6733AUTD-T Datasheet HTML 1Page - Maxim Integrated Products MAX6733AUTD-T Datasheet HTML 2Page - Maxim Integrated Products MAX6733AUTD-T Datasheet HTML 3Page - Maxim Integrated Products MAX6733AUTD-T Datasheet HTML 4Page - Maxim Integrated Products MAX6733AUTD-T Datasheet HTML 5Page - Maxim Integrated Products MAX6733AUTD-T Datasheet HTML 6Page - Maxim Integrated Products MAX6733AUTD-T Datasheet HTML 7Page - Maxim Integrated Products MAX6733AUTD-T Datasheet HTML 8Page - Maxim Integrated Products MAX6733AUTD-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC1 = VCC2 = +0.8V to +5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC1,
VCC2
0.8
5.5
V
VCC1 < +5.5V, all I/O connections
open, outputs not asserted
15
39
ICC1
VCC1 < +3.6V, all I/O connections
open, outputs not asserted
10
28
VCC2 < +3.6V, all I/O connections
open, outputs not asserted
411
Supply Current
ICC2
VCC2 < +2.75V, all I/O connections
open, outputs not asserted
39
µA
L (falling)
4.500
4.625
4.750
M (falling)
4.250
4.375
4.500
T (falling)
3.000
3.075
3.150
S (falling)
2.850
2.925
3.000
R (falling)
2.550
2.625
2.700
Z (falling)
2.250
2.313
2.375
Y (falling)
2.125
2.188
2.250
W (falling)
1.620
1.665
1.710
VCC1 Reset Threshold
VTH1
V (falling)
1.530
1.575
1.620
V
VCC1, VCC2, RSTIN, MR, WDI to GND.....................-0.3V to +6V
RST, WDO to GND (open drain)...............................-0.3V to +6V
RST, WDO to GND (push-pull) .................-0.3V to (VCC1 + 0.3V)
Input Current/Output Current (all pins) ...............................20mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23-6 (derate 8.7mW/°C above +70°C) ........696mW
8-Pin SOT23-8 (derate 8.9mW/°C above +70°C) ........714mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C


Similar Part No. - MAX6733AUTD-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6733 MAXIM-MAX6733 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6733 MAXIM-MAX6733 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6733 MAXIM-MAX6733 Datasheet
181Kb / 15P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 6; 11/11
MAX6733UTLTD3-T MAXIM-MAX6733UTLTD3-T Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6733UTLTD3-T MAXIM-MAX6733UTLTD3-T Datasheet
181Kb / 15P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 6; 11/11
More results

Similar Description - MAX6733AUTD-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6730 MAXIM-MAX6730_11 Datasheet
181Kb / 15P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 6; 11/11
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6301 MAXIM-MAX6301_10 Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com