Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX418AKB Datasheet(PDF) 11 Page - Sony Corporation

Part # ICX418AKB
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX418AKB Datasheet(HTML) 11 Page - Sony Corporation

Back Button ICX418AKB Datasheet HTML 7Page - Sony Corporation ICX418AKB Datasheet HTML 8Page - Sony Corporation ICX418AKB Datasheet HTML 9Page - Sony Corporation ICX418AKB Datasheet HTML 10Page - Sony Corporation ICX418AKB Datasheet HTML 11Page - Sony Corporation ICX418AKB Datasheet HTML 12Page - Sony Corporation ICX418AKB Datasheet HTML 13Page - Sony Corporation ICX418AKB Datasheet HTML 14Page - Sony Corporation ICX418AKB Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
– 11 –
ICX418AKB
Image Sensor Characteristics
Item
Sensitivity
Saturation signal
Smear
Video signal shading
Uniformity between
video signal channels
Dark signal
Dark signal shading
Flicker Y
Flicker R-Y
Flicker B-Y
Line crawl R
Line crawl G
Line crawl B
Line crawl W
Lag
Symbol
S
Ysat
Sm
SHy
∆Sr
∆Sb
Ydt
∆Ydt
Fy
Fcr
Fcb
Lcr
Lcg
Lcb
Lcw
Lag
Min.
1040
1000
Typ.
1300
–115
Max.
–105
20
25
10
10
2
1
2
5
5
3
3
3
3
0.5
Unit
mV
mV
dB
%
%
%
%
mV
mV
%
%
%
%
%
%
%
%
Measurement
method
1
2
3
4
4
5
5
6
7
8
8
8
9
9
9
9
10
Remarks
Ta = 60°C
Zone 0 and I
Zone 0 to II'
Ta = 60°C
Ta = 60°C
Zone Definition of Video Signal Shading
Measurement System
Note) Adjust the amplifier gain so that the gain between [∗A] and [∗Y], and between [∗A] and [∗C] equals 1.
14
V
10
14
12
10
Ignored region
Effective pixel region
Zone 0, I
Zone II, II'
V
10
H
8
H
8
768 (H)
494 (V)
CCD
C.D.S
LPF1
AMP
CCD signal output
Y signal output
Chroma signal output
(3dB down 6.3MHz)
(3dB down 1MHz)
[
∗C]
S/H
S/H
LPF2
[
∗Y]
[
∗A]
(Ta = 25°C)


Similar Part No. - ICX418AKB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX418AKL SONY-ICX418AKL Datasheet
184Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
More results

Similar Description - ICX418AKB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX038DNA SONY-ICX038DNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX428AKL SONY-ICX428AKL Datasheet
188Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX038DNB SONY-ICX038DNB Datasheet
210Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX418AKL SONY-ICX418AKL Datasheet
184Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX248AK SONY-ICX248AK Datasheet
230Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX419AKL SONY-ICX419AKL Datasheet
201Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX039DNA SONY-ICX039DNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX039DNB SONY-ICX039DNB Datasheet
212Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX429AKL SONY-ICX429AKL Datasheet
189Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX419AKB SONY-ICX419AKB Datasheet
197Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com