Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5520 Datasheet(PDF) 8 Page - Linear Technology

Part # LT5520
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5520 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5520 Datasheet HTML 4Page - Linear Technology LT5520 Datasheet HTML 5Page - Linear Technology LT5520 Datasheet HTML 6Page - Linear Technology LT5520 Datasheet HTML 7Page - Linear Technology LT5520 Datasheet HTML 8Page - Linear Technology LT5520 Datasheet HTML 9Page - Linear Technology LT5520 Datasheet HTML 10Page - Linear Technology LT5520 Datasheet HTML 11Page - Linear Technology LT5520 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT5575
8
5575f
DC OFFSET (mV)
5575 G34
15
20
40
30
25
35
10
5
0
6
4
2
0
–2
–4
–6
–8
–10
–40
°C
25
°C
85
°C
0
5
15
20
25
50
35
10
40
45
30
CONVERSION GAIN (dB)
5575 G28
4.4
4.3
4.2
4.1
4
3.9
3.8
TA = 25°C
IIP3 (dBm)
21.4
24.6
5575 G29
15
20
30
25
10
5
0
21.8 22.2 22.6 23 23.4 23.8 24.2
25
–40
°C
25
°C
85
°C
DSB NOISE FIGURE (dB)
5575 G30
15
20
35
30
25
10
5
0
13
12.9
12.8
12.7
12.6
12.5
12.4
12.3
12.2
12.1
TA = 25°C
30
40
60
20
10
0
50
AMPLITUDE MISMATCH (mdB)
60
5575 G31
–20
0
20
40
80
–40
°C
25
°C
85
°C
PHASE MISMATCH (
°)
–1.2
15
20
25
2.0
5575 G32
10
5
0
–0.8 –0.4 0
0.4 0.8 1.2 1.6
2.2
–40
°C
25
°C
85
°C
20
25
30
15
10
0
5
40
35
DC OFFSET (mV)
5575 G33
8
10
12
14
24
616
18
–40
°C
25
°C
85
°C
TYPICAL AC PERFORMANCE CHARACTERISTICS V
CC = 5V, EN = High, TA = 25ºC, PRF = –10dBm
(–10dBm/tone for 2-tone IIP2 and IIP3 tests), fBB = 1MHz (0.9MHz and 1.1MHz for 2-tone tests), PLO = 0dBm, unless otherwise noted.
Test Circuit Shown in Figure 1 (Note 6).
Conversion Gain Distribution
at 1900MHz
IIP3 Distribution at 1900MHz
vs Temperature
Noise Figure Distribution
at 1900MHz
I/Q Amplitude Mismatch Distribution
at 1900MHz vs Temperature
I/Q Phase Mismatch Distribution
at 1900MHz vs Temperature
I-Output DC Offset Voltage
Distribution vs Temperature
Q-Output DC Offset Voltage
Distribution vs Temperature


Similar Part No. - LT5520

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520 Datasheet
195Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5520EUF LINER-LT5520EUF Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
More results

Similar Description - LT5520

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516_15 Datasheet
205Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
logo
Linear Technology
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com