Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5522 Datasheet(PDF) 9 Page - Linear Technology

Part # LT5522
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5522 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5522 Datasheet HTML 5Page - Linear Technology LT5522 Datasheet HTML 6Page - Linear Technology LT5522 Datasheet HTML 7Page - Linear Technology LT5522 Datasheet HTML 8Page - Linear Technology LT5522 Datasheet HTML 9Page - Linear Technology LT5522 Datasheet HTML 10Page - Linear Technology LT5522 Datasheet HTML 11Page - Linear Technology LT5522 Datasheet HTML 12Page - Linear Technology LT5522 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT5575
9
5575f
BLOCK DIAGRAM
PIN FUNCTIONS
GND (Pins 1, 3, 4, 9, 11): Ground pin.
RF (Pin 2):
RF Input Pin. This is a single-ended 50Ω ter-
minated input. No external matching network is required
for the high frequency band. An external series capacitor
(and/or shunt capacitor) may be required for impedance
transformation to 50Ω in the low frequency band from
800MHz to 1.5GHz (see Figure 4). If the RF source is not
DC blocked, a series blocking capacitor should be used.
Otherwise, damage to the IC may result.
VCC (Pins 6, 7, 8, 12): Power Supply Pins. These pins
should be decoupled using 1000pF and 0.1µF capacitors.
EN (Pin 5): Enable Pin. When the input voltage is higher
than 2.0V, the circuit is completely turned on. When the
enable pin voltage is less than 1.0V, the circuit is turned
off. Under no conditions should the voltage at the EN
pin exceed VCC + 0.3V. Otherwise, damage to the IC may
result. If the Enable function is not needed, then the EN
pin should be tied to VCC.
LO (Pin 10):
Local Oscillator Input Pin. This is a single-
ended 50Ω terminated input. No external matching net-
work is required in the high frequency band. An external
shunt capacitor (and/or series capacitor) may be required
for impedance transformation to 50Ω for the low frequency
band from 800MHz to 1.5GHz (see Figure 6). If the LO
source is not DC blocked, a series blocking capacitor must
be used. Otherwise, damage to the IC may result.
QOUT
, Q
OUT
+ (Pins 13, 14): Differential Baseband
Output Pins of the Q Channel. The internal DC bias voltage
is VCC – 1.1V for each pin.
IOUT
, I
OUT
+ (Pins 15, 16): Differential Baseband
Output Pins of the I Channel. The internal DC bias voltage
is VCC – 1.1V for each pin.
Exposed Pad (Pin 17): Ground Return for the Entire IC.
This pin must be soldered to the printed circuit board
ground plane.
RF
IOUT
+
LO
GND
0
°/90°
16
IOUT
15
QOUT
+
14
QOUT
13
LO BUFFERS
LPF
I-MIXER
LPF
Q-MIXER
EXPOSED
PAD
6
VCC
BIAS
5
EN
1
GND
7
VCC
8
4
VCC
12
VCC
GND
5575 BD
9
17
RF AMP
RF AMP
2
3
11
10


Similar Part No. - LT5522

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5522 LINER-LT5522 Datasheet
261Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5522 LINER-LT5522 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LT5522 LINER-LT5522 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LT5522EUF LINER-LT5522EUF Datasheet
261Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
More results

Similar Description - LT5522

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516_15 Datasheet
205Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
logo
Linear Technology
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com