Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5558 Datasheet(PDF) 10 Page - Linear Technology

Part # LT5558
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5558 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT5558 Datasheet HTML 6Page - Linear Technology LT5558 Datasheet HTML 7Page - Linear Technology LT5558 Datasheet HTML 8Page - Linear Technology LT5558 Datasheet HTML 9Page - Linear Technology LT5558 Datasheet HTML 10Page - Linear Technology LT5558 Datasheet HTML 11Page - Linear Technology LT5558 Datasheet HTML 12Page - Linear Technology LT5558 Datasheet HTML 13Page - Linear Technology LT5558 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT5575
10
5575f
IOUT
J3
IOUT
+
J4
RF
J1
QOUT
+
J5
QOUT
J6
LO
J2
C5
1nF
R1
100K
EN
C7
1nF
C8
0.1
µF
C9
2.2
µF
VCC
LT5575
GND
RF
GND
GND
VCC
GND
LO
GND
5575 F01
C4
(OPT)
C3
(OPT)
C1
(OPT)
C2
(OPT)
RF
GND
DC
GND
0.018"
0.018"
0.062"
C10
(OPT)
C12
(OPT)
r = 4.4
TEST CIRCUIT
REF DES
VALUE
SIZE
PART NUMBER
C5, C7
1000pF
0402
AVX 04025C102JAT
C8
0.1µF
0402
AVX 0402ZD104KAT
C9
2.2µF
3216
AVX TPSA225MO10R1800
R1
100kΩ
0402
Figure 2. Top Side of Evaluation Board
Figure 1. Evaluation Circuit Schematic
Figure 3. Bottom Side of Evaluation Board
5575 F02
5575 F03
FREQUENCY
RANGE
RF MATCH
LO MATCH
BASEBAND
C10
C12
C1-C4
LOW BAND:
800 TO 1000MHz
4.7pF
3.9pF
10pF
MID BAND:
1000 TO 1500MHz
2pF
2pF
2.2pF
HIGH BAND:
1500 TO 2700MHz
---


Similar Part No. - LT5558

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5558 LINER-LT5558 Datasheet
685Kb / 30P
   200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
LT5558EUF LINER-LT5558EUF Datasheet
319Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5558 LINER-LT5558_15 Datasheet
325Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
More results

Similar Description - LT5558

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516_15 Datasheet
205Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
logo
Linear Technology
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com