Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC80C54-40PQ Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IC80C54-40PQ
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC80C54-40PQ Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

Back Button IC80C54-40PQ Datasheet HTML 5Page - Integrated Circuit Solution Inc IC80C54-40PQ Datasheet HTML 6Page - Integrated Circuit Solution Inc IC80C54-40PQ Datasheet HTML 7Page - Integrated Circuit Solution Inc IC80C54-40PQ Datasheet HTML 8Page - Integrated Circuit Solution Inc IC80C54-40PQ Datasheet HTML 9Page - Integrated Circuit Solution Inc IC80C54-40PQ Datasheet HTML 10Page - Integrated Circuit Solution Inc IC80C54-40PQ Datasheet HTML 11Page - Integrated Circuit Solution Inc IC80C54-40PQ Datasheet HTML 12Page - Integrated Circuit Solution Inc IC80C54-40PQ Datasheet HTML 13Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Integrated Circuit Solution Inc.
9
MC003-0B
IC80C54
IC80C58
Power-Saving Modes of Operation
The IC80C54/58 has two power-reducing modes. Idle and
Power-down. The input through which backup power is
supplied during these operations is Vcc. Figure 23 shows
the internal circuitry which implements these features. In
the Idle mode (IDL = 1), the oscillator continues to run and
the Interrupt, Serial Port, and Timer blocks continue to be
clocked, but the clock signal is gated off to the CPU. In
Power-down (PD = 1), the oscillator is frozen. The Idle and
Power-down modes are activated by setting bits in Special
Function Register PCON.
Idle Mode
An instruction that sets PCON.0 is the last instruction
executed before the Idle mode begins. In the Idle mode, the
internal clock signal is gated off to the CPU, but not to the
Interrupt, Timer, and Serial Port functions. The CPU status
is preserved in its entirety; the Stack Pointer, Program
Counter, Program Status Word, Accumulator, and all other
registers maintain their data during Idle. The port pins hold
the logical states they had at the time Idle was activated.
ALE and
PSEN hold at logic high levels.
There are two ways to terminate the Idle. Activation of any
enabled interrupt will cause PCON.0 to be cleared by
hardware, terminating the Idle mode. The interrupt will be
serviced, and following RETI the next instruction to be
executed will be the one following the instruction that put
the device into Idle.
The flag bits GF0 and GF1 can be used to indicate whether
an interrupt occurred during normal operation or during an
Idle. For example, an instruction that activates Idle can also
set one or both flag bits. When Idle is terminated by an
interrupt, the interrupt service routine can examine the flag
bits.
The other way of terminating the Idle mode is with a
hardware reset. Since the clock oscillator is still running,
the hardware reset must be held active for only two
machine cycles (24 oscillator periods) to complete the
reset.
The signal at the RST pin clears the IDL bit directly and
asynchronously. At this time, the CPU resumes program
execution from where it left off; that is, at the instruction
following the one that invoked the Idle Mode. As shown in
Figure 22, two or three machine cycles of program execution
may take place before the internal reset algorithm takes
control. On-chip hardware inhibits access to the internal
RAM during his time, but access to the port pins is not
inhibited. To eliminate the possibility of unexpected outputs
at the port pins, the instruction following the one that
invokes Idle should not write to a port pin or to external data
RAM.
Power-down Mode
An instruction that sets PCON.1 is the last instruction
executed before Power-down mode begins. In the Power-
down mode, the on-chip oscillator stops. With the clock
frozen, all functions are stopped, but the on-chip RAM and
Special function Registers are held. The port pins output
the values held by their respective SFRs. ALE and
PSEN
output lows.
In the Power-down mode of operation, Vcc can be reduced
to as low as 2V. However, Vcc must not be reduced before
the Power-down mode is invoked, and Vcc must be restored
to its normal operating level before the Power-down mode
is terminated. The reset that terminates Power-down also
frees the oscillator. The reset should not be activated
before Vcc is restored to its normal operating level and
must be held active long enough to allow the oscillator to
restart and stabilize (normally less than 10 msec).
The only exit from Power-down is a hardware reset. Reset
redefines all the SFRs but does not change the on-chip
RAM.
OSC
CLOCK
GEN
PD
XTAL 1
XTAL 2
IDL
CPU
INTERRUPT,
SERIAL PORT,
TIMER BLOCKS
Figure 8. Idle and Power-Down Hardware


Similar Part No. - IC80C54-40PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12PL ICSI-IC80C51-12PL Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12PQ ICSI-IC80C51-12PQ Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12W ICSI-IC80C51-12W Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-24PL ICSI-IC80C51-24PL Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - IC80C54-40PQ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com