Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC80C58-40W Datasheet(PDF) 11 Page - Integrated Circuit Solution Inc

Part # IC80C58-40W
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC80C58-40W Datasheet(HTML) 11 Page - Integrated Circuit Solution Inc

Back Button IC80C58-40W Datasheet HTML 7Page - Integrated Circuit Solution Inc IC80C58-40W Datasheet HTML 8Page - Integrated Circuit Solution Inc IC80C58-40W Datasheet HTML 9Page - Integrated Circuit Solution Inc IC80C58-40W Datasheet HTML 10Page - Integrated Circuit Solution Inc IC80C58-40W Datasheet HTML 11Page - Integrated Circuit Solution Inc IC80C58-40W Datasheet HTML 12Page - Integrated Circuit Solution Inc IC80C58-40W Datasheet HTML 13Page - Integrated Circuit Solution Inc IC80C58-40W Datasheet HTML 14Page - Integrated Circuit Solution Inc IC80C58-40W Datasheet HTML 15Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Integrated Circuit Solution Inc.
11
MC003-0B
IC80C54
IC80C58
Figure 11. Oscillator Connections for High Speed (> 24 MHz)
Note:
When the frequency is higher than 24 MHz, please refer to Table 4 for recommended values of C1, C2, and R.
XTAL2
XTAL1
C1
C2
R
Table 4. Recommended Value for C1, C2, R
Frequency Range
3.5 MHz - 24 MHz
24 MHz - 40 MHz
C1
20 pF-30 pF
3 pF-10 pF
C2
20 pF-30 pF
3 pF-10 pF
R
Not Apply
6.2K-10K


Similar Part No. - IC80C58-40W

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12PL ICSI-IC80C51-12PL Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12PQ ICSI-IC80C51-12PQ Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12W ICSI-IC80C51-12W Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-24PL ICSI-IC80C51-24PL Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - IC80C58-40W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com