Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BX8153 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # BX8153
Description  ADSL FREQUENCY FILTER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

BX8153 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  BX8153 Datasheet HTML 1Page - Pulse A Technitrol Company BX8153 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part
Turns Ratio
Inductance
DC Resistance
Isolation Voltage
Number
Application
(±2%)
(µH MAX ±7%)
(
Ω MAX)
(Vrms)
Schematic
BX8153
CPE
(1-3)/(4:6) 1:1
(1-3) = (4-6) = 5.0
(1-3) = (4-6) = 0.7
500
1
B2125A
CO
(1-6)/(2-5) 1:1
(1-6) = (2-5) = 50
(1-6) = (2-5) = 2.0
500
2
B2198
CPE
(2-3)/(4-5) 1:1
(2-3) = (4-5) = 74
(2-3) = (4-5) = 5.0
500
3
B2184
CPE
(1-5)/(2-4) 1:1
(1-5) = (2-4) = 91
(1-5) = (2-4) = 3.5
500
4
BX8195
CO
(1-6)/(2-5) 1:1
(1-6) = (2-5) = 102.5
(1-6) = (2-5) = 6.0
500
2
BX8254W
CPE
(1-3)/(4:6) 1:1
(1-3) = (4:6) = 110
(1-3) = (4:6) = 2.5
500
1
BX8082
CPE
(1-6)/(2-5) 1:1
(1-6) = (2-5) = 140
(1-6) = (2-5) = 6.0
500
2
B2126A
CO
(1-6)/(2-5) 1:1
(1-6) = (2-5) = 170
(1-6) = (2-5) = 6.5
500
2
B2208
CO
(1-6)/(2-5) 1:1
(1-6) = (2-5) = 170
(1-6) = (2-5) = 4.0
500
2
BX8253W
CPE
(1-3)/(4:6) 1:1
(1-3) = (4:6) = 185
(1-3) = (4:6) = 4.8
500
1
B2155
CO
(1-6)/(2-5) 1:1
(1-6) = (2-5) = 205
(1-6) = (2-5) = 6.0
500
2
BX8118
CO
(1-3)/(4:6) 1:1
(1-3) = (4:6) = 282
(1-3) = (4:6) = 9.0
500
1
B2209
CO
(1-6)/(2-5) 1:1
(1-6) = (2-5) = 300
(1-6) = (2-5) = 7.0
500
2
B2127A
CO
(1-6)/(2-5) 1:1
(1-6) = (2-5) = 340
(1-6) = (2-5) = 7.5
500
2
B2210
CO
(1-6)/(2-5) 1:1
(1-6) = (2-5) = 455
(1-6) = (2-5) = 9.0
500
2
BX2128
CPE
(1-6)/(2-5) 1:1
(1-6) = (2-5) = 500
(1-6) = (2-5) = 12.0
500
2
BX8115
CO
(1-3)/(4:6) 1:1
(1-3) = (4:6) = 500
(1-3) = (4:6) = 9.0
500
1
NOTE: Transformers are shipped in trays, unless Tape & Reel packaging is specified by adding the suffix “T” to this part number (i.e. BX8153T).
ADSL FREQUENCY
FILTER INDUCTORS
Mechanical
Excellent THD performance in a small footprint
Used exclusively for frequency filtering
SMT compact footprint
Matched to various manufacturers’ ADSL chipsets
Schematic
.025
0,64
6 X
0° – 8°
6 X
.005/0,13
6 SURFACES
.200
5,08
.006
0,15
SUGGESTED PAD LAYOUT
.073
1,85
.146
3,71
.044
1,12
6 X
.245
6,22
.345
8,76
+.000
- .010
+0,00
- 0,25
.146
3,71
.073
1,85
Part Number
Date Code
Country of Mfg.
.220
5,59
.305 ± .010
7,75 ± 0,25
.230
5,84
.024
0,61
6 X
Electrical Specifications @ 25°C — Operating Temperature -40°C to 85°C
Weight . . . . . . . . . . . . . .0.38 grams
Tape & Reel . . . . . . . . . . .1000/reel
Tray . . . . . . . . . . . . . . . . . . .80/tray
B843.A (12/03)
(See page two for ADSL Frequency Inductor Selection Guide)
6
1
5
2
2
1
3
4
6
1
3
2
5
4
3
5
1
4
2
4
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
US 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com


Similar Part No. - BX8153

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BX8153 PULSE-BX8153 Datasheet
121Kb / 4P
   BROADBAND xDSL, HPN, CMCs
More results

Similar Description - BX8153

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-0028S BOTHHAND-AD-0028S Datasheet
279Kb / 1P
   ADSL FREQUENCY FILTER INDUCTORS
logo
Filtran LTD
7191 FILTRAN-7191 Datasheet
133Kb / 1P
   ADSL Filter Inductors
logo
Pulse A Technitrol Comp...
BX8027W PULSE-BX8027W Datasheet
42Kb / 1P
   ADSL FREQUENCY FILTER INDUCTOR
logo
Bothhand USA, LP.
AD-2066 BOTHHAND-AD-2066 Datasheet
257Kb / 1P
   ADSL MICRO FILTER
AD-3163 BOTHHAND-AD-3163 Datasheet
89Kb / 1P
   ADSL MICRO FILTER
AD-2063 BOTHHAND-AD-2063 Datasheet
66Kb / 1P
   ADSL MICRO FILTER
AD-3063C BOTHHAND-AD-3063C Datasheet
102Kb / 1P
   ADSL MICRO FILTER
logo
Datatronic Distribution...
SM500-1 DATATRONICS-SM500-1 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
logo
Micro Electronics
PAI-1801 MICRO-ELECTRONICS-PAI-1801 Datasheet
165Kb / 1P
   COUPLED INDUCTORS FOR USE IN ADSL POTS LOW PASS FILTER
logo
EPCOS
B78421A1639A003 EPCOS-B78421A1639A003_1 Datasheet
91Kb / 4P
   ADSL low pass filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com