Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2222A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2N2222A
Description  High Speed Switching Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2N2222A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2N2222A Datasheet HTML 1Page - List of Unclassifed Manufacturers 2N2222A Datasheet HTML 2Page - List of Unclassifed Manufacturers 2N2222A Datasheet HTML 3Page - List of Unclassifed Manufacturers 2N2222A Datasheet HTML 4Page - List of Unclassifed Manufacturers 2N2222A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2N2222A
High Speed Switching Transistors
Page 2
31/05/05 V1.0
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
40
V
Collector-Base Voltage
VCBO
75
Emitter-Base Voltage
VEBO
6.0
Collector Current Continuous
IC
800
mA
Power Dissipation at Ta = 25°C
Derate above 25°C
PD
500
2.28
mW
mW/°C
Power Dissipation at TC= 25°C
Derate above 25°C
PD
1.2
6.85
W
mW/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
-65 to +200
°C
Electrical Characteristics (Ta = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Value
Minimum
Maximum
Unit
Collector-Emitter Voltage
VCEO
IC = 10mA, IB = 0
40
-
V
Collector-Base Voltage
VCBO
IC = 10µA, IE = 0
75
-
Emitter-Base Voltage
VEBO
IE = 10µA, IC = 0
6.0
-
Collector-Cut off Current
ICBO
ICEX
VCB = 60V, IE = 0
Ta = 150°C
VCB = 60V, IE = 0
VCE = 60V, VEB = 3V
-
10
10
10
nA
µA
nA
Emitter-Cut off Current
IEBO
VEB = 3V, IC = 0
-
10
nA
Base-Cut off Current
IBL
VCE = 60V, VEB = 3V
-
20
Collector Emitter Saturation Voltage
*VCE(Sat)
IC = 150mA, IB = 15mA
-
0.3
V
IC = 500mA, IB = 50mA
-
1.0
Base Emitter Saturation Voltage
*VBE(Sat)
IC = 150mA, IB = 15mA
-
0.6-1.2
IC = 500mA, IB = 50mA
-
2.0


Similar Part No. - 2N2222A

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2N2222A FOSHAN-2N2222A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
NXP Semiconductors
2N2222A PHILIPS-2N2222A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
STMicroelectronics
2N2222A STMICROELECTRONICS-2N2222A Datasheet
170Kb / 7P
   HIGH SPEED SWITCHES
2N2222A STMICROELECTRONICS-2N2222A Datasheet
172Kb / 7P
   HIGH SPEED SWITCHES
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
   General Purpose NPN Transistors
More results

Similar Description - 2N2222A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N222A-V01 ETC-2N222A-V01 Datasheet
318Kb / 3P
   High Speed Switching Transistor
logo
Unisonic Technologies
UN1066 UTC-UN1066_08 Datasheet
172Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
UN1066 UTC-UN1066_15 Datasheet
172Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
logo
List of Unclassifed Man...
2SD796 ETC1-2SD796 Datasheet
81Kb / 2P
   High speed switching transistor
logo
Cystech Electonics Corp...
BTC5103I3 CYSTEKEC-BTC5103I3 Datasheet
219Kb / 5P
   High Speed Switching Transistor
logo
Unisonic Technologies
UN1066 UTC-UN1066 Datasheet
181Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
logo
Cystech Electonics Corp...
BTC5103J3 CYSTEKEC-BTC5103J3 Datasheet
151Kb / 3P
   High Speed Switching Transistor
logo
GTM CORPORATION
GJ1952 GTM-GJ1952 Datasheet
382Kb / 3P
   PNP HIGH SPEED SWITCHING TRANSISTOR
GI1952 GTM-GI1952 Datasheet
383Kb / 3P
   PNP HIGH SPEED SWITCHING TRANSISTOR
GI5103 GTM-GI5103 Datasheet
414Kb / 3P
   NPN HIGH SPEED SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com