Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2209 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # B2209
Description  ADSL FREQUENCY FILTER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

B2209 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  B2209 Datasheet HTML 1Page - Pulse A Technitrol Company B2209 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADSL FREQUENCY
FILTER INDUCTORS
B843.A (12/03)
For More Information :
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
Printed on recycled paper. ©2003, Pulse Engineering, Inc. All Rights Reserved.
UNITED STATES
(Worldwide)
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
http://www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
UNITED KINGDOM
(Northern Europe)
1 & 2 Huxley Road
The Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
FRANCE
(Southern Europe)
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
TAIWAN, R.O.C.
(Northern Asia)
3F-4, No. 81, Sec. 1
HsinTai Wu Road
Hsi-Chih, Taipei Hsien
Taiwan, R.O.C.
Tel: 886 2 2698 0228
FAX: 886 2 2698 0948
SINGAPORE
(Southern Asia)
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
HONG KONG
(China/Hong Kong)
9/F, Phase 2, Tai Sang
Shatin Warehouse Centre
6 Wong Chuk Yeung Street
Fotan, Shatin, Hong Kong
TEL: 852 2788 6588
FAX: 852 2776 1055
DISTRIBUTOR
IC Manufacturer
Part Number
Inductance
Application
& Part Number
For General use
B2184
91.0µH
CPE
B2198
74.0µH
CPE
BX2128
500.0µH
CPE
BX8082
140.0µH
CPE
STMicroelectronics (Alcatel)
MTB-20850/MTB-21250
BX8115
500.0µH
CO
BX8118
282.0µH
CO
BX8253W
185.0µH
CPE
BX8254W
110.0µH
CPE
MTB-20150/MTB-20170
BX8153
5.0µH
CPE
NOTE: For other DynaMiTe Chipsets, see Datasheet B963 for alternative Inductor shapes and values.
Centillium
CT-L50SC04
B2208
170.0µH
CO
B2209
300.0µH
CO
B2210
455.0µH
CO
GlobespanVirata
G7000 (DMT/CAP)
B2125A
50.0µH
CO
B2126A
170.0µH
CO
B2127A
340.0µH
CO
B2155
205.0µH
CO
Titanium Express
BX8195
102.5µH
CO
Legerity
NOTE: For Coupled inductors matched to Legerity CO Line Drivers & Chipsets, See Datasheet B804
ADSL Frequency Inductor Selection Guide


Similar Part No. - B2209

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B2209 PULSE-B2209 Datasheet
121Kb / 4P
   BROADBAND xDSL, HPN, CMCs
More results

Similar Description - B2209

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-0028S BOTHHAND-AD-0028S Datasheet
279Kb / 1P
   ADSL FREQUENCY FILTER INDUCTORS
logo
Filtran LTD
7191 FILTRAN-7191 Datasheet
133Kb / 1P
   ADSL Filter Inductors
logo
Pulse A Technitrol Comp...
BX8027W PULSE-BX8027W Datasheet
42Kb / 1P
   ADSL FREQUENCY FILTER INDUCTOR
logo
Bothhand USA, LP.
AD-2066 BOTHHAND-AD-2066 Datasheet
257Kb / 1P
   ADSL MICRO FILTER
AD-3163 BOTHHAND-AD-3163 Datasheet
89Kb / 1P
   ADSL MICRO FILTER
AD-2063 BOTHHAND-AD-2063 Datasheet
66Kb / 1P
   ADSL MICRO FILTER
AD-3063C BOTHHAND-AD-3063C Datasheet
102Kb / 1P
   ADSL MICRO FILTER
logo
Datatronic Distribution...
SM500-1 DATATRONICS-SM500-1 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
logo
Micro Electronics
PAI-1801 MICRO-ELECTRONICS-PAI-1801 Datasheet
165Kb / 1P
   COUPLED INDUCTORS FOR USE IN ADSL POTS LOW PASS FILTER
logo
EPCOS
B78421A1639A003 EPCOS-B78421A1639A003_1 Datasheet
91Kb / 4P
   ADSL low pass filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com