Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4C331 Datasheet(PDF) 3 Page - Solid State Optronic

Part # AD4C331
Description  Dual 1 Form A Solid State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C331 Datasheet(HTML) 3 Page - Solid State Optronic

  AD4C331 Datasheet HTML 1Page - Solid State Optronic AD4C331 Datasheet HTML 2Page - Solid State Optronic AD4C331 Datasheet HTML 3Page - Solid State Optronic AD4C331 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AD4C331
Dual 1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
60
0.6
1
1.4
1.8
2.2
2.6
3
3.4
Turn-On Tim e (m s)
AD4C331
0
10
20
30
40
50
60
0
0.04 0.08 0.12 0.16 0.2 0.24 0.28
Turn-Off Tim e (m s)
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
AD4C331
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
5.25 5.5 5.75
6
6.25 6.5 6.75
7
On-Resistance (ohm s)
AD4C331
0
20
40
60
80
100
0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD4C331
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
260 265 270 275 280 285 290 295
Blocking Voltage (V)
AD4C331
0
50
100
150
200
250
300
Tem perature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD4C331
Typical Load Current vs. Temperature
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com


Similar Part No. - AD4C331

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C331 SSOUSA-AD4C331_15 Datasheet
213Kb / 5P
   200mA maximum continuous load current
More results

Similar Description - AD4C331

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
VOR2142A8 VISHAY-VOR2142A8 Datasheet
157Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.0, 14-Jun-16
LH1556AAC VISHAY-LH1556AAC_14 Datasheet
202Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.8, 10-Mar-14
LH1532AAC VISHAY-LH1532AAC_11 Datasheet
163Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1532FP VISHAY-LH1532FP_11 Datasheet
106Kb / 6P
   Dual 1 Form A Solid State Relay
Rev. 1.6, 07-Jul-11
LH1556AAC VISHAY-LH1556AAC_11 Datasheet
163Kb / 8P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com